Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 85Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 86Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 87Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 88Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 225 page
background image
Rev. 1.00
88
�an�a�� 0�� �01�
Rev. 1.00
89
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Compact Type TM – CTM
AlthoughthesimplestformofthethreeTMtypes,theCompactTMtypestillcontainsthree
operatingmodes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.
TheCompactTMcanalsobecontrolledwithanexternalinputpinandcandriveoneexternaloutput
pin.
fSYS
fSYS/4
fH/�4
fH/1�
fSUB
CTCK
000
001
010
011
100
101
110
111
CTCK�~CTCK0
10-bit Co�nt-�p Co�nte�
3-bit Compa�ato� P
CCRP
b�~b9
b0~b9
10-bit Compa�ato� A
CTON
CTPAU
Compa�ato� A Match
Compa�ato� P Match
Co�nte� Clea�
0
1
O�tp�t
Cont�ol
Pola�it�
Cont�ol
Pin
Cont�ol
CTOC
CTM1� CTM0
CTIO1� CTIO0
CTMAF Inte���pt
CTMPF Inte���pt
CTPOL
CCRA
CTCCLR
Rese�ved
CTP
Pin
Cont�ol
PxFS
PxFS� SFSR
Compact Type TM Block Diagram
Compact TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator
P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe
CCRAisthetenbitsandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheCTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aCTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontroloneoutputpin.Alloperatingsetupconditions
areselectedusingrelevantinternalregisters.
Compact Type TM Register Description
OveralloperationofeachCompactTMiscontrolledusingseveralregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whilearead/writeregisterpairexiststostore
theinternal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Register
Name
Bit
7
6
5
4
3
2
1
0
CTMC0
CTPAU
CTCK�
CTCK1
CTCK0
CTON
CTRP�
CTRP1
CTRP0
CTMC1
CTM1
CTM0
CTIO1
CTIO0
CTOC
CTPOL
CTDPX CTCCLR
CTMDL
D�
D�
D5
D4
D3
D�
D1
D0
CTMDH
—
—
—
—
—
—
D9
D8
CTMAL
D�
D�
D5
D4
D3
D�
D1
D0
CTMAH
—
—
—
—
—
—
D9
D8
10-bit Compact TM Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com