Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 225 page
background image
Rev. 1.00
1�
�an�a�� 0�� �01�
Rev. 1.00
1�
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HXT)
—
fSYS=fHXT=4MHz
1.8
—
5.5
V
fSYS=fHXT=8MHz
1.8
—
5.5
fSYS=fHXT=1�MHz
�.�
—
5.5
fSYS=fHXT=1�MHz
3.3
—
5.5
Ope�ating Voltage (HIRC)
—
fSYS=fHIRC=4MHz
1.8
—
5.5
V
fSYS=fHIRC=8MHz
1.8
—
5.5
fSYS=fHIRC=1�MHz
�.�
—
5.5
IDD
Ope�ating C���ent (HXT)
3V No load� all pe�iphe�als off�
fH=4MHz
—
0.5
0.�5
mA
5V
—
1
1.5
3V No load� all pe�iphe�als off�
fH=8MHz
—
1
1.5
mA
5V
—
�
3
3V No load� all pe�iphe�als off�
fH=1�MHz
—
1.5
�.�5
mA
5V
—
3
4.5
5V No load� all pe�iphe�als off�
fH=1�MHz
—
4
�
mA
Ope�ating C���ent (HIRC)
3V No load� all pe�iphe�als off�
fH=4MHz
—
0.4
0.�
mA
5V
—
0.8
1.�
3V No load� all pe�iphe�als off�
fH=8MHz
—
0.8
1.�
mA
5V
—
1.�
�.4
3V No load� all pe�iphe�als off�
fH=1�MHz
—
1.�
1.8
mA
5V
—
�.4
3.�
Ope�ating C���ent (LXT)
3V No load� all pe�iphe�als off�
fSYS=3�.��8kHz
—
10
�0
μA
5V
—
30
50
Ope�ating C���ent (LIRC)
3V No load� all pe�iphe�als off�
fSYS=3�kHz
—
10
�0
μA
5V
—
30
50
ISTB
Standb� C���ent
(SLEEP Mode)
3V No load� all pe�iphe�als off�
WDT off
—
0.�
0.8
μA
5V
—
0.5
1
3V No load� all pe�iphe�als off�
WDT on
—
1.5
3
μA
5V
—
3
5
Stanb� C���ent
(IDLE0 Mode)
3V No load� all pe�iphe�als off�
fSUB on
—
3
5
μA
5V
—
5
10
Stanb� C���ent
(IDLE1 Mode� HIRC)
3V No load� all pe�iphe�als off�
fSUB on� fH=4MHz
—
180
��0
μA
5V
—
400
�00
3V No load� all pe�iphe�als off�
fSUB on� fH=8MHz
—
3�0
500
μA
5V
—
�00
800
3V No load� all pe�iphe�als off�
fSUB on� fH=1�MHz
—
540
�50
μA
5V
—
800
1�00
Stanb� C���ent
(IDLE1 Mode� HXT)
3V No load� all pe�iphe�als off�
fSUB on� fH=4MHz
—
180
�50
μA
5V
—
400
�00
3V No load� all pe�iphe�als off�
fSUB on� fH=8MHz
—
3�0
500
μA
5V
—
�00
800
3V No load� all pe�iphe�als off�
fSUB on� fH=1�MHz
—
540
�50
μA
5V
—
800
1�00
5V No load� all pe�iphe�als off�
fSUB on� fH=1�MHz
—
1.4
�.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com