Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 225 page
background image
Rev. 1.00
1�
�an�a�� 0�� �01�
Rev. 1.00
1�
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
IOL
I/O Po�t Sink C���ent
1.8V
VOL=0.1VDD
�
14
—
mA
3V
1�
3�
—
5V
3�
�4
—
IOH
I/O Po�t So��ce C���ent
1.8V
VOH=0.9VDD
-1.4
-�.8
—
mA
3V
-4
-8
—
5V
-10
-�0
—
RPH
P�ll-high Resistance fo� I/O
Po�ts
3V
LVPU=0
40
1�0
�00
kΩ
5V
30
�0
1�0
3V
LVPU=1
10
30
50
kΩ
5V
5
15
�5
VIL
Inp�t Low Voltage fo� I/O Po�ts
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
Inp�t Low Voltage fo� RES Pin
—
—
0
—
0.4VDD
V
VIH
Inp�t High Voltage fo� I/O Po�ts
5V
—
3.5
—
5
V
—
—
0.8VDD
—
VDD
V
Inp�t High Voltage fo� RES Pin
—
—
0.9VDD
—
VDD
V
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fCPU
Ope�ating Clock
1.8V~5.5V
—
DC
—
4
MHz
1.8V~5.5V
DC
—
8
�.�V~5.5V
DC
—
1�
3.3V~5.5V
DC
—
1�
fSYS
S�stem Clock (HXT)
1.8V~5.5V
—
0.4
—
4
MHz
1.8V~5.5V
0.4
—
8
�.�V~5.5V
0.4
—
1�
3.3V~5.5V
0.4
—
1�
fHIRC
S�stem Clock (HIRC)
3V/5V
Ta=�5°C
-�%
4
+�%
MHz
3V/5V
Ta=�5°C
-�%
8
+�%
5V
Ta=�5°C
-�%
1�
+�%
�.�V~3.�V Ta=-40°C~85°C
-8%
4
+8%
3.0V~5.5V Ta=-40°C~85°C
-8%
4
+8%
�.�V~3.�V Ta=-40°C~85°C
-8%
8
+8%
3.0V~5.5V Ta=-40°C~85°C
-8%
8
+8%
3.0V~5.5V Ta=-40°C~85°C
-11% 1� +11%
fLIRC
S�stem Clock (LIRC)
5V
Ta=�5°C
-10% 3� +10%
kHz
�.�V~5.5V Ta=-40°C~85°C
-50% 3� +�0%
tTIMER
xTCKn and TM Capt��e Inp�t
Minim�m P�lse Width
—
—
0.3
—
—
μs
tRES
Exte�nal Reset Minim�m Low
P�lse Width
—
—
10
—
—
μs
tINT
Exte�nal Inte���pt Minim�m
P�lse Width
—
—
10
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com