Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 225 page
background image
Rev. 1.00
3�
�an�a�� 0�� �01�
Rev. 1.00
3�
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Set Page E�ase add�ess: FARH/FARL
Set FMOD [�:0]=001 & FWT=1
à
Select “Page E�ase mode”
& Initiate w�ite ope�ation
W�ite
Flash Memo��
Flash Memo��
W�ite F�nction
Enable P�oced��e
Set FWT=1
FWT=0 ?
Yes
No
FWT=0 ?
Yes
No
Clea� CFWEN=0
END
W�ite Finish ?
Yes
No
Set FMOD [�:0]=000
à
Select “W�ite Flash Mode”
Set W�ite sta�ting add�ess: FARH/FARL
W�ite data to data �egiste�: FD0L/FD0H
Page data
W�ite finish
Yes
No
Write Flash Memory Procedure
Note:WhentheFWTorFRDbitissetto1,theMCUisstopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com