Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 75Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 77Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 225 page
background image
Rev. 1.00
�8
�an�a�� 0�� �01�
Rev. 1.00
�9
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Bit6
PBFS6:PB6Pin-Sharedfunctionselection,togetherwiththePB6FSbitintheSFSR1register
[PBFS6:PB6FS]=
00:PB6
01:AN1
10:PTP1
11:RX
Bit5
PBFS5:PB5Pin-Sharedfunctionselection,togetherwiththePB5FSbitintheSFSR1register
[PB5FS:PBFS5]=
00:PB5
01:PTP0B
10:VREF
11:AN0
Bit4
PBFS4:PB4Pin-Sharedfunctionselection,togetherwiththePB4FSbitintheSFSR1register
[PB4FS:PBFS4]=
00:PB4
01:PTP0
10:VREFI
11:PB4
Bit3~2
PBFS3~PBFS2:PB3orPB2Pin-Sharedfunctionselection
00:PB3orPB2
01:PB3orPB2
10:PB3orPB2
11:XT2orXT1
Bit1~0
PBFS1~PBFS0:PB1orPB0Pin-Sharedfunctionselection
00:PB1orPB0
01:PB1orPB0
10:PB1orPB0
11:OSC2orOSC1
• PCFS Register
Bit
7
6
5
4
3
2
1
0
Name
—
PCFS�
PCFS5
PCFS4
PCFS3
—
—
—
R/W
—
R/W
R/W
R/W
R/W
—
—
—
POR
—
0
0
0
0
—
—
—
Bit7
Unimplemented,readas"0"
Bit6
PCFS6:PC6Pin-Sharedfunctionselection
0:PC6
1:AN11
Bit5
PCFS5:PC5Pin-Sharedfunctionselection
0:PC5
1:AN10
Bit4
PCFS4:PC4Pin-Sharedfunctionselection
0:PC4
1:AN9
Bit3
PCFS3:PC3Pin-Sharedfunctionselection
0:PC3
1:AN8
Bit2~0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com