Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 225 page
background image
Rev. 1.00
18
�an�a�� 0�� �01�
Rev. 1.00
19
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
tSST
S�stem Sta�t-�p Time� Pe�iod
(Wake-�p f�om Powe� Down
Mode and fSYS Off�
Slow Mode → Normal Mode,
Normal Mode → Slow Mode)
—
fSYS=fHXT o� fLXT
(Slow Mode → No�mal Mode (HXT)�
No�mal Mode → Slow Mode (LXT))
10�4
—
—
tSYS
fSYS=fHXT
(Wake-�p f�om Powe� Down
Mode and fSYS Off)
1�8
—
—
fSYS=fLXT
(Wake-�p f�om Powe� Down
Mode and fSYS Off)
10�4
—
—
fSYS=fHIRC
1�
—
—
fSYS=fLIRC
�
—
—
S�stem Sta�t-�p Time� Pe�iod
(Wake-�p f�om Powe� Down
Mode and fSYS On)
—
—
�
—
—
tSYS
tRSTD
S�stem Reset Dela� Time
(Powe� On Reset�
LVR Ha�dwa�e Reset�
LVRC Softwa�e Reset�
WDTC Softwa�e Reset)
—
—
�5
50
100
ms
S�stem Reset Dela� Time
(RES Reset� WDT No�mal
Reset)
—
—
8.3 1�.� 33.3
tSRESET
Minim�m Softwa�e Reset
Width to Reset
—
—
45
90
1�0
μs
tDEW
Data EEPROM W�ite Time
—
—
1
�
4
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1mFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com