Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 84Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 85Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 86Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 87Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 88Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 225 page
background image
Rev. 1.00
84
�an�a�� 0�� �01�
Rev. 1.00
85
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Timer Modules – TM
Oneofthemostfundamentalfunctionsinanymicrocontrollerdeviceistheabilitytocontroland
measuretime.ToimplementtimerelatedfunctionsthedeviceincludesseveralTimerModules,
abbreviatedtothenameTM.TheTMsaremulti-purposetimingunitsandservetoprovide
operationssuchasTimer/Counter,InputCapture,CompareMatchOutputandSinglePulseOutput
aswellasbeingthefunctionalunitforthegenerationofPWMsignals.EachoftheTMshastwo
individualinterrupts.TheadditionofinputandoutputpinsforeachTMensuresthatusersare
providedwithtimingunitswithawideandflexiblerangeoffeatures.
ThecommonfeaturesofthedifferentTMtypesaredescribedherewithmoredetailedinformation
providedintheindividualCompact,StandardandPeriodicTMsections.
Introduction
ThedevicecontainsfourTMsandeachindividualTMcanbecategorisedasacertaintype,namely
CompactTypeTM,StandardTypeTMorPeriodicTypeTM.Althoughsimilarinnature,the
differentTMtypesvaryintheirfeaturecomplexity.ThecommonfeaturestotheCompact,Standard
andPeriodicTMswillbedescribedinthissectionandthedetailedoperationwillbedescribed
incorrespondingsections.ThemainfeaturesanddifferencesbetweenthethreetypesofTMsare
summarisedintheaccompanyingtable.
Function
CTM
STM
PTM
Time�/Co�nte�
√
√
√
Inp�t Capt��e
—
√
√
Compa�e Match O�tp�t
√
√
√
PWM Channels
1
1
1
Single P�lse O�tp�t
—
1
1
PWM Alignment
Edge
Edge
Edge
PWM Adj�stment Pe�iod & D�t� D�t� o� Pe�iod
D�t� o� Pe�iod
D�t� o� Pe�iod
TM Function Summary
CTM
STM
PTM
10-bit CTM
1�-bit STM
10-bit PTM0
10-bit PTM1
TM Type Reference
TM Operation
ThethreedifferenttypesofTMsofferadiverserangeoffunctions,fromsimpletimingoperations
toPWMsignalgeneration.ThekeytounderstandinghowtheTMoperatesistoseeitintermsof
afreerunningcounterwhosevalueisthencomparedwiththevalueofpre-programmedinternal
comparators.Whenthefreerunningcounterhasthesamevalueasthepre-programmedcomparator,
knownasacomparematchsituation,aTMinterruptsignalwillbegeneratedwhichcanclearthe
counterandperhapsalsochangetheconditionoftheTMoutputpin.TheinternalTMcounteris
drivenbyauserselectableclocksource,whichcanbeaninternalclockoranexternalpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com