Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 225 page
background image
Rev. 1.00
34
�an�a�� 0�� �01�
Rev. 1.00
35
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Flash Memory Write Function Enable Procedure
InordertoallowuserstochangetheFlashmemorydatathroughtheIAPcontrolregisters,users
mustfirstenabletheFlashmemorywriteoperationbythefollowingprocedure:
Step1.Write"110"intotheFMOD2~FMOD0bitstoselecttheFWENmode.
Step2.SettheFWPENbitto"1".Thestep1andstep2canbeexecutedsimultaneously.
Step3.Thepatterndatawithasequenceof00H,04H,0DH,09H,C3Hand40Hmustbewritten
intotheFD1L,FD1H,FD2L,FD2H,FD3LandFD3Hregistersrespectively.
Step4.Acounterwithatime-outperiodof300μswillbeactivatedtoallowuserswritingthecorrect
patterndataintotheFD1L/FD1H~FD3L/FD3Hregisterpairs.Thecounterclockisderived
fromLIRCoscillator.
Step5.Ifthecounteroverflowsorthepatterndataisincorrect,theFlashmemorywriteoperation
willnotbeenabledandusersmustagainrepeattheaboveprocedure.ThentheFWPENbit
willautomaticallybeclearedto0byhardware.
Step6.Ifthepatterndataiscorrectbeforethecounteroverflows,theFlashmemorywriteoperation
willbeenabledandtheFWPENbitwillautomaticallybeclearedto0byhardware.The
CFWENbitwillalsobesetto1byhardwaretoindicatethattheFlashmemorywrite
operationissuccessfullyenabled.
Step7.OncetheFlashmemorywriteoperationisenabled,theusercanchangetheFlashROMdata
throughtheFlashcontrolregister.
Step8.TodisabletheFlashmemorywriteoperation,theusercancleartheCFWENbitto0.
Flash Memory
Write Function
Enable Procedure
Set FMOD [2:0] =110 & FWPEN=1
→ Select FWEN mode & Start Flash write
Hardware activate a counter
Wrtie the following pattern to Flash Data registers
FD1L= 00h , FD1H = 04h
FD2L= 0Dh , FD2H = 09h
FD3L= C3h , FD3H = 40h
Success
END
Yes
Failed
CFWEN=0
CFWEN = 1
No
Is counter
overflow ?
No
FWPEN=0
Is pattern
correct ?
Yes
Flash Memory Write Function Enable Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com