Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 87Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 88Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 225 page
background image
Rev. 1.00
90
�an�a�� 0�� �01�
Rev. 1.00
91
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
CTMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
CTM1
CTM0
CTIO1
CTIO0
CTOC
CTPOL
CTDPX CTCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
CTM1~CTM0:SelectCTMOperatingMode
00:CompareMatchOutputMode
01:Undefined
10:PWMOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheCTM.Toensurereliable
operationtheCTMshouldbeswitchedoffbeforeanychangesaremadetotheCTM1
andCTM0bits.IntheTimer/CounterMode,theCTMoutputpincontrolmustbe
disabled.
Bit5~4
CTIO1~CTIO0:SelectCTMexternalpin(CTP)function
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode
00:PWMoutputinactivestate
01:PWMoutputactivestate
10:PWMoutput
11:Undefined
Timer/counterMode:
Unused
ThesetwobitsareusedtodeterminehowtheCTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheCTMisrunning.
IntheCompareMatchOutputMode,theCTIO1~CTIO0bitsdeterminehowtheCTM
outputpinchangesstatewhenacomparematchoccursfromtheComparatorA.The
CTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresentstate
whenacomparematchoccursfromtheComparatorA.WhentheCTIO1~CTIO0
bitsarebothzero,thennochangewilltakeplaceontheoutput.Theinitialvalueof
theCTMoutputpinshouldbesetupusingtheCTOCbit.Notethattheoutputlevel
requestedbytheCTIO1~CTIO0bitsmustbedifferentfromtheinitialvaluesetup
usingtheCTOCbitotherwisenochangewilloccurontheCTMoutputpinwhena
comparematchoccurs.AftertheCTMoutputpinchangesstateitcanberesettoits
initiallevelbychangingtheleveloftheCTONbitfromlowtohigh.
InthePWMOutputMode,theCTIO1andCTIO0bitsdeterminehowtheCTMoutput
pinchangesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytochangethevaluesof
theCTIO1andCTIO0bitsonlyaftertheCTMhasbeenswitchedoff.Unpredictable
PWMoutputswilloccuriftheCTIO1andCTIO0bitsarechangedwhentheCTMis
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com