Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 225 page
background image
Rev. 1.00
�8
�an�a�� 0�� �01�
Rev. 1.00
�9
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Table Read Program Example
rombank 3 code3
ds .section ‘data’
tempreg1 db ?
; temporary register#1
tempreg2 db ?
; temporary register#2
:
:
code0 .section ‘code’
mov a,06h
; initialise table pointer - note that this address is referenced
mov tblp,a
; to the last page or the page that tbhp pointed
mov a,7fh
; initialise high table pointer
mov tbhp,a
:
:
tabrd tempreg1
; transfers value in table referenced by table pointer
; register pair to tempreg1
tabrdl tempreg1
; data at program memory address "7F06H" transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2
; transfers value in table referenced by table pointer
; register pair to tempreg2
tabrdl tempreg2
; data at program memory address "7F05H" transferred to
; tempreg2 and TBLH
; in this example the data "1AH" is transferred to
; tempreg1 and data "0FH" to tempreg2
; the value "00H" will be transferred to the high byte register TBLH
:
:
code3 .section ‘code’
org 1F00h
; sets initial address of last page
dc 00Ah,00Bh,00Ch,00Dh,00Eh,00Fh,01Ah,01Bh
In Circuit Programming – ICP
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientandeasy
upgradesandmodificationstotheirprogramsonthesamedevice.Asanadditionalconvenience,
Holtekhasprovidedameansofprogrammingthemicrocontrollerin-circuitusinga4-pininterface.
Thisprovidesmanufacturerswiththepossibilityofmanufacturingtheircircuitboardscompletewith
aprogrammedorun-programmedmicrocontroller,andthenprogrammingorupgradingtheprogram
atalaterstage.Thisenablesproductmanufacturerstoeasilykeeptheirmanufacturedproducts
suppliedwiththelatestprogramreleaseswithoutremovalandre-insertionofthedevice.
TheHoltekFlashMCUtoWriterProgrammingPincorrespondencetableisasfollows:
Holtek Writer Pins
MCU Programming Pins
Pin Description
ICPDA
PA0
P�og�amming Se�ial Data/Add�ess
ICPCK
PA�
P�og�amming Clock
VDD
VDD
Powe� S�ppl�
VSS
VSS
G�o�nd
TheProgramMemoryandEEPROMDataMemorycanbeprogrammedseriallyin-circuitusingthis
4-wireinterface.Dataisdownloadedanduploadedseriallyonasinglepinwithanadditionalline
fortheclock.Twoadditionallinesarerequiredforthepowersupply.Thetechnicaldetailsregarding
thein-circuitprogrammingofthedevicearebeyondthescopeofthisdocumentandwillbesupplied
insupplementaryliterature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com