Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 225 page
background image
Rev. 1.00
18
�an�a�� 0�� �01�
Rev. 1.00
19
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
A/D Converter Electrical Characteristics
Ta=-40°C~85°C� �nless othe�wise specif�
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
1.8
—
5.5
V
VADI
Inp�t Voltage
—
—
0
—
VREF
V
VREF
Refe�ence Voltage
—
—
1.8
—
VDD
V
DNL
Diffe�ential Non-linea�it�
1.8V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=2.0μs
—
—
±3 LSB
�V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=0.5μs
3V
5V
1.8V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=10μs
3V
5V
INL
Integ�al Non-linea�it�
1.8V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=2.0μs
—
—
±4 LSB
�V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=0.5μs
3V
5V
1.8V
SAINS[3:0]=0000B�
SAVRS[1:0]=01B�
VREF=VDD� tADCK=10μs
3V
5V
IADC
Additional C���ent fo� A/D
Conve�te� Enable
1.8V
No load� tADCK=2.0μs
—
0.5
1.0
mA
3V
No load� tADCK=0.5μs
—
1.0
�.0
5V
No load� tADCK=0.5μs
—
1.5
3.0
tADCK
Clock Pe�iod
—
1.8V≤VDD<�.0V
�.0
—
10
μs
2.0V≤VDD≤5.5V
0.5
—
10
tON�ST
A/D Conve�te� On-to-Sta�t Time
—
—
4
—
—
μs
tADS
Sampling Time
—
—
—
4
—
tADCK
tADC
Conve�sion Time (Incl�ding A/D
Sample and Hold Time)
—
—
—
1�
—
tADCK
IPGA
Additional C���ent fo� PGA Enable
�.�V
No load
—
�50 400
μA
3V
—
300 450
5V
—
400 500
VCM
PGA Common Mode Voltage
Range
�.�V
—
VSS
—
VDD-
1.4
V
3V
VSS
—
VDD-
1.4
5V
VSS
—
VDD-
1.4
VOR
PGA Maxim�m O�tp�t Voltage
Range
�.�V
—
VSS
+0.1
—
VDD-
0.1
V
3V
VSS
+0.1
—
VDD-
0.1
5V
VSS
+0.1
—
VDD-
0.1
VVR
Fix Voltage O�tp�t of PGA
�.�V~5.5V
Ta=-40°C~85°C
-1%
�
+1%
V
3.�V~5.5V
-1%
3
+1%
4.�V~5.5V
-1%
4
+1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com