Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 73Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 75Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 77Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 225 page
background image
Rev. 1.00
��
�an�a�� 0�� �01�
Rev. 1.00
��
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PHC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa"1".Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa"0",
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfact
onlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.
PxC Register
Bit
7
6
5
4
3
2
1
0
Name
PxC�
PxC�
PxC5
PxC4
PxC3
PxC�
PxC1
PxC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PxCn:I/OPortxPintypeselection
0:Output
1:Input
ThePxCnbitisusedtocontrolthepintypeselection.Herethe"x"canbeA~H.However,theactual
availablebitsforeachI/OPortmaybedifferent.
Pin-shared Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbutby
supplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Forthesepins,the
desiredfunctionofthemulti-functionI/Opinsisselectedbyaseriesofregistersviatheapplication
programcontrol.
Pin-shared Function Selection Registers
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.ThedeviceincludesPxFS,SFSRandSFSR1registers,
whichcanselectthedesiredfunctionsofthemulti-functionpin-sharedpins.
Themostimportantpointtonoteistomakesurethatthedesiredpin-sharedfunctionisproperly
selectedandalsodeselected.Formostpin-sharedfunctions,toselectthedesiredpin-sharedfunction,
thepin-sharedfunctionshouldfirstbecorrectlyselectedusingthecorrespondingpin-sharedcontrol
register.Afterthatthecorrespondingperipheralfunctionalsettingshouldbeconfiguredandthen
theperipheralfunctioncanbeenabled.However,aspecialpointmustbenotedforsomedigital
inputpins,suchasINTn,xTCKn,etc,whichsharethesamepin-sharedcontrolconfigurationwith
theircorrespondinggeneralpurposeI/Ofunctionswhensettingtherelevantpin-sharedcontrolbit
fields.Toselectthesepinfunctions,inadditiontothenecessarypin-sharedcontrolandperipheral
functionalsetupaforementioned,theymustalsobesetupasaninputbysettingthecorrespondingbit
intheI/Oportcontrolregister.Tocorrectlydeselectthepin-sharedfunction,theperipheralfunction
shouldfirstbedisabledandthenthecorrespondingpin-sharedfunctioncontrolregistercanbe
modifiedtoselectotherpin-sharedfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com