Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB90352APMC Datasheet HTML 1Page - Cypress Semiconductor MB90352APMC Datasheet HTML 2Page - Cypress Semiconductor MB90352APMC Datasheet HTML 3Page - Cypress Semiconductor MB90352APMC Datasheet HTML 4Page - Cypress Semiconductor MB90352APMC Datasheet HTML 5Page - Cypress Semiconductor MB90352APMC Datasheet HTML 6Page - Cypress Semiconductor MB90352APMC Datasheet HTML 7Page - Cypress Semiconductor MB90352APMC Datasheet HTML 8Page - Cypress Semiconductor MB90352APMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 3 of 83
MB90350 Series
Contents
Product Lineup 1 ............................................................. 4
Product Lineup 2 ............................................................. 6
Product Lineup 3 ............................................................. 8
Product Lineup 4 ........................................................... 10
Packages and Product Correspondence ..................... 12
Pin Assignments ............................................................ 13
Pin Description ............................................................... 14
I/O Circuit Type ............................................................... 18
Handling Devices ............................................................ 22
Preventing latch-up ................................................... 22
Handling unused pins ................................................ 22
Using external clock .................................................. 23
Precautions for when not using a sub clock signal .... 23
Notes on during operation of PLL clock mode .......... 23
Power supply pins (VCC/VSS) ................................. 23
Pull-up/down resistors ............................................... 23
Crystal Oscillator Circuit ............................................ 23
Turning-on Sequence of Power Supply to
A/D Converter and Analog Inputs .............................. 24
Connection of Unused Pins of A/D Converter if
A/D Converter is not used ......................................... 24
Notes on Energization ............................................... 24
Stabilization of power supply voltage ........................ 24
Initialization ................................................................ 24
Port 0 to port 3 output during Power-on
(External-bus mode) .................................................. 24
Notes on using CAN Function ................................... 24
Flash security Function ............................................. 25
Correspondence with TA
 105 °C or more ...........25
Low voltage/CPU operation reset circuit ................... 25
Internal CR oscillation circuit ..................................... 26
Block Diagrams .............................................................. 27
Memory Map .................................................................... 31
I/O Map ............................................................................ 32
CAN Controllers .............................................................. 40
Interrupt Factors, Interrupt Vectors,
Interrupt Control Register .............................................. 46
Electrical Characteristics ............................................... 48
Absolute Maximum Ratings ....................................... 48
Recommended Operating Conditions ....................... 50
DC Characteristics .................................................... 51
AC Characteristics ..................................................... 56
A/D Converter ............................................................ 71
Definition of A/D Converter Terms ........................... 74
Flash Memory Program/Erase Characteristics .......... 76
Ordering Information ..................................................... 77
Package Dimensions ...................................................... 79
Major Changes ................................................................ 81
Document History ........................................................... 82
Sales, Solutions, and Legal Information ...................... 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com