Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 75Page - Cypress Semiconductor MB90352APMC Datasheet HTML 76Page - Cypress Semiconductor MB90352APMC Datasheet HTML 77Page - Cypress Semiconductor MB90352APMC Datasheet HTML 78Page - Cypress Semiconductor MB90352APMC Datasheet HTML 79Page - Cypress Semiconductor MB90352APMC Datasheet HTML 80Page - Cypress Semiconductor MB90352APMC Datasheet HTML 81Page - Cypress Semiconductor MB90352APMC Datasheet HTML 82Page - Cypress Semiconductor MB90352APMC Datasheet HTML 83Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 79 of 83
MB90350 Series
17. Package Dimensions
(Continued)
64-pin plastic LQFP
Lead pitch
0.65 mm
Package width
×
package length
12.0
× 12.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.47 g
Code
(Reference)
P-LQFP64-12
×12-0.65
64-pin plastic LQFP
(FPT-64P-M23)
(FPT-64P-M23)
C
2003-2010 FUJITSU SEMICONDUCTOR LIMITED F64034S-c-1-4
0.65(.026)
0.10(.004)
1
16
17
32
49
64
33
48
*12.00±0.10(.472±.004)SQ
14.00±0.20(.551±.008)SQ
INDEX
0.32±0.05
(.013±.002)
M
0.13(.005)
0.145±0.055
(.006±.002)
"A"
.059 –.004
+.008
–0.10
+0.20
1.50
0~8°
0.25(.010)
(Mounting height)
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.10±0.10
(.004±.004)
Details of "A" part
(Stand off)
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3)Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com