Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 18Page - Cypress Semiconductor MB90352APMC Datasheet HTML 19Page - Cypress Semiconductor MB90352APMC Datasheet HTML 20Page - Cypress Semiconductor MB90352APMC Datasheet HTML 21Page - Cypress Semiconductor MB90352APMC Datasheet HTML 22Page - Cypress Semiconductor MB90352APMC Datasheet HTML 23Page - Cypress Semiconductor MB90352APMC Datasheet HTML 24Page - Cypress Semiconductor MB90352APMC Datasheet HTML 25Page - Cypress Semiconductor MB90352APMC Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 22 of 83
MB90350 Series
9. Handling Devices
Special care is required for the following when handling the device :
■ Preventing latch-up
■ Treatment of unused pins
■ Using external clock
■ Precautions for when not using a sub clock signal
■ Notes on during operation of PLL clock mode
■ Power supply pins (VCC/VSS)
■ Pull-up/down resistors
■ Crystal Oscillator Circuit
■ Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
■ Connection of Unused Pins of A/D Converter
■ Notes on Energization
■ Stabilization of power supply voltage
■ Initialization
■ Port0 to port3 output during Power-on (External-bus mode)
■ Notes on using CAN Function
■ Flash security Function
■ Correspondence with TA   105 °C or more
■ Low voltage/CPU operation detection reset circuit
■ Internal CR oscillation circuit
9.1 Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions :
■ A voltage higher than VCC or lower than VSS is applied to an input or output pin.
■ A voltage higher than the rated voltage is applied between VCC pin and VSS pin.
■ The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
In using the devices, take sufficient care to avoid exceeding maximum ratings.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the digital power-supply voltage.
9.2 Handling unused pins
Leaving unused input pins open may result in misbehavior or latch up and possible permanent damage of the device. Therefore they
must be pulled up or pulled down through resistors. In this case those resistors should be more than 2 kΩ.
Unused I/O pins should be set to the output state and can be left open, or the input state with the above described connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com