Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 69Page - Cypress Semiconductor MB90352APMC Datasheet HTML 70Page - Cypress Semiconductor MB90352APMC Datasheet HTML 71Page - Cypress Semiconductor MB90352APMC Datasheet HTML 72Page - Cypress Semiconductor MB90352APMC Datasheet HTML 73Page - Cypress Semiconductor MB90352APMC Datasheet HTML 74Page - Cypress Semiconductor MB90352APMC Datasheet HTML 75Page - Cypress Semiconductor MB90352APMC Datasheet HTML 76Page - Cypress Semiconductor MB90352APMC Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 73 of 83
MB90350 Series
■ Flash memory device
■ MASK ROM device
■ About the error
Values of relative errors grow larger, as |AVRH
AV
SS| becomes smaller.
· Relation between External impedance and minimum sampling time
4.5 V
AVCC 5.5 V
[External impedance = 0 k
Ω to 100 kΩ]
Minimum sampling time [
μs]
0
5
101520253035
10
20
30
40
50
60
70
80
90
100
4.0 V
AVCC 4.5 V
4.5 V
AVCC 5.5 V
[External impedance = 0 k
Ω to 20 kΩ]
Minimum sampling time [
μs]
0
12345678
2
4
6
8
10
12
14
16
18
20
4.0 V
AVCC 4.5 V
(MB90F352(S), MB90F351A(S), MB90F352A(S), MB90F351TA(S), MB90F352TA(S), MB90F356A(S),
MB90F357A(S), MB90F356TA(S), MB90F357TA(S))
00
· Relation between External impedance and minimum sampling time
4.5 V
AVCC 5.5 V
[External impedance = 0 k
Ω to 100 kΩ]
Minimum sampling time [
μs]
0
5
101520253035
10
20
30
40
50
60
70
80
90
100
4.0 V
AVCC 4.5 V
4.5 V
AVCC 5.5 V
[External impedance = 0 k
Ω to 20kΩ]
Minimum sampling time [
μs]
0
12345678
2
4
6
8
10
12
14
16
18
20
4.0 V
AVCC 4.5 V
(MB90V340A-101/102/103/104, MB90351A(S), MB90352A(S), MB90351TA(S), MB90352TA(S),
MB90356A(S), MB90357A(S), MB90356TA(S), MB90357TA(S))
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com