Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 64Page - Cypress Semiconductor MB90352APMC Datasheet HTML 65Page - Cypress Semiconductor MB90352APMC Datasheet HTML 66Page - Cypress Semiconductor MB90352APMC Datasheet HTML 67Page - Cypress Semiconductor MB90352APMC Datasheet HTML 68Page - Cypress Semiconductor MB90352APMC Datasheet HTML 69Page - Cypress Semiconductor MB90352APMC Datasheet HTML 70Page - Cypress Semiconductor MB90352APMC Datasheet HTML 71Page - Cypress Semiconductor MB90352APMC Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 68 of 83
MB90350 Series
15.4.11 Timer Related Resource Input Timing
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
15.4.12 Timer Related Resource Output Timing
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH
TIN1, TIN3,
IN0, IN1,
IN4 to IN7
—4 tCP
—ns
tTIWL
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
CLK
 → TOUT change time
tTO
TOT1, TOT3,
PPG4, PPG6,
PPG8 to PPGF
—30
—
ns
VIL
VIH
tTIWH
VIL
VIH
tTIWL
TIN1, TIN3,
IN0, IN1,
IN4 to IN7
CLK
2.4 V
0.8 V
2.4 V
tTO
TOT1, TOT3,
PPG4, PPG6
PPG8 to PPGF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com