Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB90352APMC Datasheet HTML 1Page - Cypress Semiconductor MB90352APMC Datasheet HTML 2Page - Cypress Semiconductor MB90352APMC Datasheet HTML 3Page - Cypress Semiconductor MB90352APMC Datasheet HTML 4Page - Cypress Semiconductor MB90352APMC Datasheet HTML 5Page - Cypress Semiconductor MB90352APMC Datasheet HTML 6Page - Cypress Semiconductor MB90352APMC Datasheet HTML 7Page - Cypress Semiconductor MB90352APMC Datasheet HTML 8Page - Cypress Semiconductor MB90352APMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
MB90350 Series
F2MC-16LX 16-bit Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-07872 Rev. *A
Revised May 31, 2017
The MB90350-series with 1 channel FULL-CAN interface and Flash ROM is especially designed for automotive and industrial appli-
cations. Its main feature is the on-board CAN interface, which conforms to V2.0 Part A and Part B, while supporting a very flexible
message buffer scheme and so offering more functions than a normal full CAN approach. With the new 0.35
μm CMOS technology,
Cypress now offers on-chip Flash-ROM program memory up to 128 Kbytes.
The power supply (3 V) is supplied to the internal MCU core from an internal regulator circuit. This creates a major advantage in terms
of EMI and power consumption.
The internal PLL clock frequency multiplier provides an internal 42 ns instruction execution time from an external 4 MHz clock. Also,
the clock monitor function can monitor main clock and sub clock independently.
As the peripheral resources, the unit features a 4-channel Output Compare Unit, 6-channel Input Capture Unit, 2 separate 16-bit
freerun timers, 2-channel UART and 15-channel 8/10-bit A/D converter.
Features
Clock
■ Built-in PLL clock frequency multiplication circuit
■ Selection of machine clocks (PLL clocks) is allowed among
frequency division by two on oscillation clock, and multiplication
of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock,
4 MHz to 24 MHz).
■ Operation by sub clock (up to 50 kHz : 100 kHz oscillation clock
divided by two) is allowed. (devices without S-suffix only)
■ Minimum execution time of instruction : 42 ns (when operating
with 4-MHz oscillation clock, and 6-time multiplied PLL clock).
■ Built-in clock modulation circuit
16 Mbytes CPU memory space
■ 24-bit internal addressing
Clock monitor function (MB90x356x and MB90x357x
only)
■ Main clock or sub clock is monitored independently.
■ Internal CR oscillation clock (100 kHz typical) can be used as
sub clock.
Instruction system best suited to controller
■ Wide choice of data types (bit, byte, word, and long word)
■ Wide choice of addressing modes (23 types)
■ Enhanced multiply-divide instructions with sign and RETI
instructions
■ Enhanced high-precision computing with 32-bit accumulator
Instruction system compatible with high-level
language (C language) and multitask
■ Employing system stack pointer
■ Enhanced various pointer indirect instructions
■ Barrel shift instructions
Increased processing speed
■ 4-byte instruction queue
Powerful interrupt function
■ Powerful 8-level, 34-condition interrupt feature
■ Up to 8 channels external interrupts are supported.
Automatic data transfer function independent of CPU
■ Extended intelligent I/O service function (EI2OS) : up to 16
channels
■ DMA: up to 16 channels
Low power consumption (standby) mode
■ Sleep mode (a mode that halts CPU operating clock)
■ Main timer mode (a timebase timer mode switched from the
main clock mode)
■ PLL timer mode (a timebase timer mode switched from the PLL
clock mode)
■ Watch mode (a mode that operates sub clock and watch timer
only)
■ Stop mode (a mode that stops oscillation clock and sub clock)
■ CPU intermittent operation mode
Process
■ CMOS technology
I/O port
■ General-purpose input/output port (CMOS output)
❐ 49 ports (devices without S-suffix : devices that correspond
to sub clock)
❐ 51 ports (devices with S-suffix : devices that do not corre-
spond to sub clock)


Similar Part No. - MB90352APMC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90352 FUJITSU-MB90352 Datasheet
812Kb / 64P
16-bit Proprietary Microcontroller
MB90352E FUJITSU-MB90352E Datasheet
899Kb / 85P
16-bit Proprietary Microcontrollers
MB90352EPMC FUJITSU-MB90352EPMC Datasheet
899Kb / 85P
16-bit Proprietary Microcontrollers
MB90352EPMC FUJITSU-MB90352EPMC Datasheet
2Mb / 92P
16-bit Microcontrollers
logo
Cypress Semiconductor
MB90352EPMC CYPRESS-MB90352EPMC Datasheet
3Mb / 85P
F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90352APMC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90M405 FUJITSU-MB90M405 Datasheet
213Kb / 28P
F2MC-16LX FAMILY 16-BIT MICROCONTROLLERS HARDWARE MANUAL ABSTRACTS
logo
Cypress Semiconductor
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
F2MC-16FX 16-Bit Microcontroller
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
F2MC-16FX 16-bit Microcontroller
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
F2MC-16LX 16-bit Microcontroller
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
16-bit Microcontrollers F2MC-16LX
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
F2MC-16FX, 16-bit Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
F2MC-16FX 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com