Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 20Page - Cypress Semiconductor MB90352APMC Datasheet HTML 21Page - Cypress Semiconductor MB90352APMC Datasheet HTML 22Page - Cypress Semiconductor MB90352APMC Datasheet HTML 23Page - Cypress Semiconductor MB90352APMC Datasheet HTML 24Page - Cypress Semiconductor MB90352APMC Datasheet HTML 25Page - Cypress Semiconductor MB90352APMC Datasheet HTML 26Page - Cypress Semiconductor MB90352APMC Datasheet HTML 27Page - Cypress Semiconductor MB90352APMC Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 24 of 83
MB90350 Series
9.9 Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH) and analog inputs (AN0 to AN14) after turning-on the digital power
supply (VCC) .
Turn-off the digital power after turning off the A/D converter power supply and analog inputs. In this case, make sure that the voltage
does not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simultaneously is acceptable).
9.10 Connection of Unused Pins of A/D Converter if A/D Converter is not used
Connect unused pins of A/D converter to AVCC VCC, AVSS AVRH VSS.
9.11 Notes on Energization
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during energization at
50 μs or more (0.2 V to 2.7 V) .
9.12 Stabilization of power supply voltage
A sudden change in the power supply voltage may cause the device to malfunction even within the specified VCC power supply voltage
operating range. Therefore, the VCC power supply voltage should be stabilized.
For reference, the power supply voltage should be controlled so that VCC ripple variations (peak-to-peak value) at commercial
frequencies (50 Hz to 60 Hz) fall below 10% of the standard VCC power supply voltage and the coefficient of fluctuation does not
exceed 0.1 V/ms at instantaneous power switching.
9.13 Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers, turn on the power
again.
9.14 Port 0 to port 3 output during Power-on (External-bus mode)
As shown below, when power is turned on in external-bus mode, there is a possibility that output signal of
Port 0 to Port 3 might be unstable.
9.15 Notes on using CAN Function
To use CAN function, please set “1” to DIRECT bit of CAN direct mode register (CDMR).
If DIRECT bit is set to “0” (initial value), wait states will be performed when accessing CAN registers.
Note : Please refer to section “22.15 CAN Direct Mode Register” in Hardware Manual of MB90350 series for detail of CAN direct mode
register.
Port0 to Port3
Port0 to Port3 outputs
might be unstable.
Port0 to Port3 outputs = Hi-Z
VCC
1/2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com