Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 68Page - Cypress Semiconductor MB90352APMC Datasheet HTML 69Page - Cypress Semiconductor MB90352APMC Datasheet HTML 70Page - Cypress Semiconductor MB90352APMC Datasheet HTML 71Page - Cypress Semiconductor MB90352APMC Datasheet HTML 72Page - Cypress Semiconductor MB90352APMC Datasheet HTML 73Page - Cypress Semiconductor MB90352APMC Datasheet HTML 74Page - Cypress Semiconductor MB90352APMC Datasheet HTML 75Page - Cypress Semiconductor MB90352APMC Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 72 of 83
MB90350 Series
Notes on A/D Converter Section
■ About the external impedance of the analog input and its sampling time
A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling time, the analog voltage
charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision. Therefore to satisfy the A/D conversion precision standard, consider the relationship between the external
impedance and minimum sampling time and either adjust the register value and operating frequency or decrease the external
impedance so that the sampling time is longer than the minimum value. Also if the sampling time cannot be sufficient, connect a
capacitor of about 0.1 μF to the analog input pin.
· Analog input equivalence circuit
ON at sampling
Note : The value is reference value.
R
C
C
R
Analog input
Comparator
MB90F352(S), MB90F351A(S), MB90F352A(S), MB90F351TA(S), MB90F352TA(S),
MB90F356A(S), MB90F357A(S), MB90F356TA(S), MB90F357TA(S),
4.5 V
AVCC 5.5 V 2.0 k
Ω (Max) 16.0 pF (Max)
4.0 V
AVCC 4.5 V 8.2 k
Ω (Max) 16.0 pF (Max)
C
R
MB90V340A-101/102/103/104, MB90351A(S), MB90352A(S), MB90351TA(S), MB90352TA(S),
MB90356A(S), MB90357A(S), MB90356TA(S), MB90357TA(S),
4.5 V
AVCC 5.5 V 2.0 k
Ω (Max) 14.4 pF (Max)
4.0 V
AVCC 4.5 V 8.2 k
Ω (Max) 14.4 pF (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com