Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 72Page - Cypress Semiconductor MB90352APMC Datasheet HTML 73Page - Cypress Semiconductor MB90352APMC Datasheet HTML 74Page - Cypress Semiconductor MB90352APMC Datasheet HTML 75Page - Cypress Semiconductor MB90352APMC Datasheet HTML 76Page - Cypress Semiconductor MB90352APMC Datasheet HTML 77Page - Cypress Semiconductor MB90352APMC Datasheet HTML 78Page - Cypress Semiconductor MB90352APMC Datasheet HTML 79Page - Cypress Semiconductor MB90352APMC Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 76 of 83
MB90350 Series
15.7 Flash Memory Program/Erase Characteristics
Flash Memory
* : This value comes from the technology qualification.
(Using Arrhenius equation to translate high temperature measurements into normalized value at
85 °C)
Dual Operation Flash Memory
* : This value comes from the technology qualification.
(Using Arrhenius equation to translate high temperature measurements into normalized value at
85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA  25 °C
VCC 5.0 V
—1
15
s
Excludes programming prior to
erasure
Chip erase time
—
9
—
s
Excludes programming prior to
erasure
Word (16-bit width)
programming time
—16
3,600
μs
Except for the overhead time of
the system level
Program/Erase cycle
—
10,000
—
—
cycle
Flash Memory Data
Retention Time
Average
TA  85 °C
20
—
—
year
*
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
(4 Kbytes sector)
TA  25 °C
VCC 5.0 V
—0.2
0.5
s
Excludes programming prior to
erasure
Sector erase time
(16 Kbytes sector)
—0.5
7.5
s
Excludes programming prior to
erasure
Chip erase time
—
4.6
—
s
Excludes programming prior to
erasure
Word (16-bit width)
programming time
—
64
3,600
μs
Except for the overhead time of
the system level
Program/Erase cycle
—
10,000
—
—
cycle
Flash Memory Data
Retention Time
Average
TA  85 °C
20
—
—
year
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com