Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 74Page - Cypress Semiconductor MB90352APMC Datasheet HTML 75Page - Cypress Semiconductor MB90352APMC Datasheet HTML 76Page - Cypress Semiconductor MB90352APMC Datasheet HTML 77Page - Cypress Semiconductor MB90352APMC Datasheet HTML 78Page - Cypress Semiconductor MB90352APMC Datasheet HTML 79Page - Cypress Semiconductor MB90352APMC Datasheet HTML 80Page - Cypress Semiconductor MB90352APMC Datasheet HTML 81Page - Cypress Semiconductor MB90352APMC Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 78 of 83
MB90350 Series
(Continued)
* : These devices are under development.
Part number
Package
Remarks
MB90F351APMC1
64-pin plastic LQFP
FPT-64P-M24
10 mm , 0.50 mm pitch
Dual operation
Flash memory products*
(64 Kbytes)
MB90F351ASPMC1
MB90F351TAPMC1
MB90F351TASPMC1
MB90F356APMC1
MB90F356ASPMC1
MB90F356TAPMC1
MB90F356TASPMC1
MB90F352APMC1
64-pin plastic LQFP
FPT-64P-M24
10 mm , 0.50 mm pitch
Dual operation
Flash memory products*
(128 Kbytes)
MB90F352ASPMC1
MB90F352TAPMC1
MB90F352TASPMC1
MB90F357APMC1
MB90F357ASPMC1
MB90F357TAPMC1
MB90F357TASPMC1
MB90351APMC1
64-pin plastic LQFP
FPT-64P-M24
10 mm , 0.50 mm pitch
MASK ROM products*
(64 Kbytes)
MB90351ASPMC1
MB90351TAPMC1
MB90351TASPMC1
MB90356APMC1
MB90356ASPMC1
MB90356TAPMC1
MB90356TASPMC1
MB90352APMC1
64-pin plastic LQFP
FPT-64P-M24
10 mm , 0.50 mm pitch
MASK ROM products*
(128 Kbytes)
MB90352ASPMC1
MB90352TAPMC1
MB90352TASPMC1
MB90357APMC1
MB90357ASPMC1
MB90357TAPMC1
MB90357TASPMC1
MB90V340A-101
299-pin ceramic PGA
PGA-299C-A01
Device for evaluation
MB90V340A-102
MB90V340A-103
MB90V340A-104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com