Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB90352APMC Datasheet HTML 1Page - Cypress Semiconductor MB90352APMC Datasheet HTML 2Page - Cypress Semiconductor MB90352APMC Datasheet HTML 3Page - Cypress Semiconductor MB90352APMC Datasheet HTML 4Page - Cypress Semiconductor MB90352APMC Datasheet HTML 5Page - Cypress Semiconductor MB90352APMC Datasheet HTML 6Page - Cypress Semiconductor MB90352APMC Datasheet HTML 7Page - Cypress Semiconductor MB90352APMC Datasheet HTML 8Page - Cypress Semiconductor MB90352APMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 5 of 83
MB90350 Series
(Continued)
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
Part Number
Parameter
MB90F351,
MB90F352
MB90F351S,
MB90F352S
MB90F351A,
MB90F352A
MB90F351TA,
MB90F352TA
MB90F351AS,
MB90F352AS
MB90F351TAS,
MB90F352TAS
8/16-bit
Programmable Pulse
Generator
6 channels (16-bit)/10 channels (8-bit)
8-bit reload counters × 12
8-bit reload registers for L pulse width × 12
8-bit reload registers for H pulse width × 12
Supports 8-bit and 16-bit operation modes.
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler
8-bit reload counter.
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128 μs@fosc
4 MHz
(fsys
Machine clock frequency, fosc Oscillation clock frequency)
CAN Interface
1 channel
Conforms to CAN Specification Version 2.0 Part A and B.
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID
Supports multiple messages.
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps.
External Interrupt
8 channels
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
extended intelligent I/O services (EI2OS) and DMA.
D/A converter
—
I/O Ports
Virtually all external pins can be used as general purpose I/O port.
All push-pull outputs
Bit-wise settable as input/output or peripheral signal
Settable as CMOS schmitt trigger/ automotive inputs
TTL input level settable for external bus (only for external bus pin)
Flash Memory
Supports automatic programming, Embedded Algorithm
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 10 years
Boot block configuration
Erase can be performed on each block.
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash (MB90F352x only)
Corresponding EVA
name
MB90V340A-
102
MB90V340A-
101
MB90V340A-102
MB90V340A-101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com