Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 61 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 57Page - Cypress Semiconductor MB90352APMC Datasheet HTML 58Page - Cypress Semiconductor MB90352APMC Datasheet HTML 59Page - Cypress Semiconductor MB90352APMC Datasheet HTML 60Page - Cypress Semiconductor MB90352APMC Datasheet HTML 61Page - Cypress Semiconductor MB90352APMC Datasheet HTML 62Page - Cypress Semiconductor MB90352APMC Datasheet HTML 63Page - Cypress Semiconductor MB90352APMC Datasheet HTML 64Page - Cypress Semiconductor MB90352APMC Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 61 of 83
MB90350 Series
15.4.5 Bus Timing (Read)
(TA = –40C to +105C, VCC = 5.0 V 10 %, VSS = 0.0 V, fCP ≤ 24 MHz)
* : n: number of ready cycles
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
ALE pulse width
tLHLL
ALE
—
tCP/2 10
—
ns
Valid address → ALE
 time
tAVLL
ALE, A21 to
A16, AD15 to
AD00
tCP/2 20
—
ns
ALE
 → Address valid time
tLLAX
ALE, AD15 to
AD00
tCP/2 15
—
ns
Valid address → RD
 time
tAVRL
A21 toA16,
AD15 to AD00,
RD
tCP 15
—
ns
Valid address → Valid data input
tAVDV
A21 to A16,
AD15 to AD00
—5 tCP/2 60
ns
RD pulse width
tRLRH
RD
(n*+3/2) tCP 20
—
ns
RD
 → Valid data input
tRLDV
RD, AD15 to
AD00
—(n*+3/2) tCP 50 ns
RD
 → Data hold time
tRHDX
RD, AD15 to
AD00
0—
ns
RD
 → ALE  time
tRHLH
RD, ALE
tCP/2 15
—
ns
RD
 → Address valid time
tRHAX
RD, A21 to A16
tCP/2 10
—
ns
Valid address → CLK
 time
tAVCH
A21 to A16,
AD15 to AD00,
CLK
tCP/2 16
—
ns
RD
 → CLK  time
tRLCH
RD, CLK
tCP/2 15
—
ns
ALE
 → RD  time
tLLRL
ALE, RD
tCP/2 15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com