Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 55Page - Cypress Semiconductor MB90352APMC Datasheet HTML 56Page - Cypress Semiconductor MB90352APMC Datasheet HTML 57Page - Cypress Semiconductor MB90352APMC Datasheet HTML 58Page - Cypress Semiconductor MB90352APMC Datasheet HTML 59Page - Cypress Semiconductor MB90352APMC Datasheet HTML 60Page - Cypress Semiconductor MB90352APMC Datasheet HTML 61Page - Cypress Semiconductor MB90352APMC Datasheet HTML 62Page - Cypress Semiconductor MB90352APMC Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 59 of 83
MB90350 Series
15.4.2 Reset Standby Input
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
* : Oscillation time of oscillator is the time that the amplitude reaches 90%.
In the crystal oscillator, the oscillation time is between several ms to tens of ms. In FAR / ceramic oscillators, the oscillation time
is between hundreds of μs to several ms. With an external clock, the oscillation time is 0 ms.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
500
—
ns
Under normal operation
Oscillation time of oscillator*
100 μs
—
μs
In Stop mode, Sub Clock
mode, Sub Sleep mode and
Watch mode
100
—
μs
In Main timer mode and PLL
timer mode
tRSTL
0.2 VCC
0.2 VCC
RST
X0
90% of
amplitude
Instruction execution
Oscillation stabilization
waiting time
Oscillation time
of oscillator
Internal operation
clock
Internal reset
100
μs
0.2 VCC
RST
tRSTL
0.2 VCC
Under normal operation:
In Stop mode, Sub Clock mode, Sub Sleep mode, Watch mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com