Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 56Page - Cypress Semiconductor MB90352APMC Datasheet HTML 57Page - Cypress Semiconductor MB90352APMC Datasheet HTML 58Page - Cypress Semiconductor MB90352APMC Datasheet HTML 59Page - Cypress Semiconductor MB90352APMC Datasheet HTML 60Page - Cypress Semiconductor MB90352APMC Datasheet HTML 61Page - Cypress Semiconductor MB90352APMC Datasheet HTML 62Page - Cypress Semiconductor MB90352APMC Datasheet HTML 63Page - Cypress Semiconductor MB90352APMC Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 60 of 83
MB90350 Series
15.4.3 Power On Reset
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
15.4.4 Clock Output Timing
(TA  40 °C to 105 °C, VCC 5.0 V 10%, VSS 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
—
0.05
30
ms
Power off time
tOFF
VCC
1
—
ms
Due to repetitive operation
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
—
62.5
—
ns
fCP 16 MHz
41.67
—
ns
fCP 24 MHz
CLK ↑ → CLK ↓
tCHCL
CLK
—
20
—
ns
fCP 16 MHz
13
—
ns
fCP 24 MHz
VCC
VCC
VSS
3 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Holds RAM data
If you change the power supply voltage too rapidly, a power on reset may occur.
We recommend that you start up smoothly by restraining voltages when changing
the power supply voltage during operation, as shown in the figure below. Perform
while not using the PLL clock. However, if voltage drops are within 1 V/s, you can
operate while using the PLL clock.
We recommend the slope for
a rise of 50 mV/ms maximum.
CLK
2.4 V
tCYC
2.4 V
0.8 V
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com