Electronic Components Datasheet Search
  English  ▼

X  

MB90352APMC Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB90352APMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352APMC Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB90352APMC Datasheet HTML 51Page - Cypress Semiconductor MB90352APMC Datasheet HTML 52Page - Cypress Semiconductor MB90352APMC Datasheet HTML 53Page - Cypress Semiconductor MB90352APMC Datasheet HTML 54Page - Cypress Semiconductor MB90352APMC Datasheet HTML 55Page - Cypress Semiconductor MB90352APMC Datasheet HTML 56Page - Cypress Semiconductor MB90352APMC Datasheet HTML 57Page - Cypress Semiconductor MB90352APMC Datasheet HTML 58Page - Cypress Semiconductor MB90352APMC Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 55 of 83
MB90350 Series
(Continued)
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICCT
VCC
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock monitor
function,
At watch mode
TA = 25C
—
25
150
μA
MB90F356A
MB90F357A
MB90356A
MB90357A
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA = 25C
—
25
150
μA
MB90F356AS
MB90F357AS
MB90356AS
MB90357AS
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
monitor function,
At watch mode
TA = 25C
—
60
140
μA
MB90F351TA
MB90F352TA
MB90F356TA
MB90F357TA
MB90351TA
MB90352TA
MB90356TA
MB90357TA
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock monitor
function,
At watch mode
TA = 25C
—
80
250
μA
MB90F356TA
MB90F357TA
MB90356TA
MB90357TA
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA = 25C
—
80
250
μA
MB90F356TAS
MB90F357TAS
MB90356TAS
MB90357TAS
ICCH
VCC 5.0 V,
At Stop mode,
TA  25C
—7
25
μA
Devices
without
“T”-suffix
—
60
130
μA
Devices
with “T”-suffix
Input capacity
CIN
Other than C, AVCC, AVSS,
AVRH, VCC, VSS,
——
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com