Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 162 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 162 Page - SPANSION

Back Button S71PL254 Datasheet HTML 158Page - SPANSION S71PL254 Datasheet HTML 159Page - SPANSION S71PL254 Datasheet HTML 160Page - SPANSION S71PL254 Datasheet HTML 161Page - SPANSION S71PL254 Datasheet HTML 162Page - SPANSION S71PL254 Datasheet HTML 163Page - SPANSION S71PL254 Datasheet HTML 164Page - SPANSION S71PL254 Datasheet HTML 165Page - SPANSION S71PL254 Datasheet HTML 166Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 196 page
background image
162
SRAM
SRAM_Type01_02A0 June 15, 2004
Advance
I n f o rmation
Figure 83. Timing Waveform of Write Cycle(2) (CS# controlled, if BYTE# is Low, Ignore UB#/LB# Timing)
Notes:
1. A write occurs during the overlap (tWP) of low CS1# and low WE#. A write begins when CS1# goes low and WE#
goes low with asserting UB# or LB# for single byte operation or simultaneously asserting UB# and LB# for double
byte operation. A write ends at the earliest transition when CS1# goes high and WE# goes high. The tWP is
measured from the beginning of write to the end of write.
2. tCW is measured from the CS1# going low to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS1# or WE#
going high.
Figure 84. Timing Waveform of Write Cycle(3) (UB#, LB# controlled)
High-Z
High-Z
tWC
tCW(2)
tAW
tBW
tWP(1)
tDH
tDW
tWR(4)
tAS(3)
Address
CS1#
CS2
UB#, LB#
WE#
Data in
Data out
Data Valid
High-Z
High-Z
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
tAS(3)
tCW(2)
Address
CS1#
CS2
UB#, LB#
WE#
Data in
Data out
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com