Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 158 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 158 Page - SPANSION

Back Button S71PL254 Datasheet HTML 154Page - SPANSION S71PL254 Datasheet HTML 155Page - SPANSION S71PL254 Datasheet HTML 156Page - SPANSION S71PL254 Datasheet HTML 157Page - SPANSION S71PL254 Datasheet HTML 158Page - SPANSION S71PL254 Datasheet HTML 159Page - SPANSION S71PL254 Datasheet HTML 160Page - SPANSION S71PL254 Datasheet HTML 161Page - SPANSION S71PL254 Datasheet HTML 162Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 196 page
background image
158
SRAM
SRAM_Type01_02A0 June 15, 2004
Advance
I n f o rmation
AC Operating Conditions
Test Conditions
Test Load and Test Input/Output Reference
Input pulse level: 0.4 to 2.2V
Input rising and falling time: 5ns
Input and output reference voltage: 1.5V
Output load (See Figure 79): CL= 30pF+1TTL
Notes:
1. Including scope and jig capacitance.
2. R1=3070Ω, R2=3150Ω.
3. VTM =2.8V.
AC Characteristics
Read/Write Characteristics (VCC=2.7-3.3V)
Figure 79. AC Output Load
Parameter List
Symbol
Speed Bins
Units
70ns
Min
Max
Read cycle time
tRC
70
-
ns
Address access time
tAA
-
70
ns
Chip select to output
tCO1, tCO2
-
70
ns
Output enable to valid output
tOE
-
35
ns
LB#, UB# Access Time
tBA
-
70
ns
Chip select to low-Z output
tLZ1, tLZ2
10
-
ns
LB#, UB# enable to low-Z output
tBLZ
10
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ1, tHZ2
0
25
ns
UB#, LB# disable to high-Z output
tBHZ
0
25
ns
Output disable to high-Z output
tOHZ
0
25
ns
Output hold from address change
tOH
10
-
ns
VTM (note 3)
R1 (note 2)
CL (note 1)
R2 (note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com