Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 156 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 156 Page - SPANSION

Back Button S71PL254 Datasheet HTML 152Page - SPANSION S71PL254 Datasheet HTML 153Page - SPANSION S71PL254 Datasheet HTML 154Page - SPANSION S71PL254 Datasheet HTML 155Page - SPANSION S71PL254 Datasheet HTML 156Page - SPANSION S71PL254 Datasheet HTML 157Page - SPANSION S71PL254 Datasheet HTML 158Page - SPANSION S71PL254 Datasheet HTML 159Page - SPANSION S71PL254 Datasheet HTML 160Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 196 page
background image
156
SRAM
SRAM_Type01_02A0 June 15, 2004
Advance
I n f o rmation
DC Operating Characteristics
4M Version F
Note: Typical values are not 100% tested.
DC Operating Characteristics
4M Version G
Note: Typical values are not 100% tested.
Item
Symbol
Test Conditions
Min
Typ
(Note)
Max
Unit
Average operating current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA, CS1# ≤ 0.2V,
CS2 ≥ VCC-0.2V,
BYTE#=VSS or VCC, VIN ≤ 0.2V or VIN ≥ VCC-0.2V, LB#
≤ 0.2V or/and UB# ≤ 0.2V
-
-
3
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, CS1# = VIL,
CS2=VIH,
BYTE# = VSS or VCC, VIN=VIL or VIH, LB# ≤ 0.2V or/
and UB# ≤ 0.2V
-
-
22
mA
Standby Current (CMOS)
ISB1
(Note)
CS1# ≥ VCC-0.2V, CS2 ≥ VCC-0.2V (CS1# controlled)
or CS2 ≤ 0.2V (CS2 controlled), BYTE# = VSS or VCC,
Other input =0~VCC
-
1.0
(Note)
10
µA
Item
Symbol
Test Conditions
Min
Typ
(Note)
Max
Unit
Average operating current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA, CS1# ≤ 0.2V,
CS2 ≥ VCC-0.2V,
BYTE#=VSS or VCC, VIN ≤ 0.2V or VIN ≥ VCC-0.2V, LB#
≤ 0.2V or/and UB# ≤ 0.2V
-
-
4
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, CS1# = VIL,
CS2=VIH,
BYTE# = VSS or VCC, VIN=VIL or VIH, LB# ≤ 0.2V or/
and UB# ≤ 0.2V
-
-
22
mA
Standby Current (CMOS)
ISB1
(Note)
CS1# ≥ VCC-0.2V, CS2 ≥ VCC-0.2V (CS1# controlled)
or CS2 ≤ 0.2V (CS2 controlled), BYTE# = VSS or VCC,
Other input = 0~VCC
-
3.0
(Note)
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com