Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 154 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 154 Page - SPANSION

Back Button S71PL254 Datasheet HTML 150Page - SPANSION S71PL254 Datasheet HTML 151Page - SPANSION S71PL254 Datasheet HTML 152Page - SPANSION S71PL254 Datasheet HTML 153Page - SPANSION S71PL254 Datasheet HTML 154Page - SPANSION S71PL254 Datasheet HTML 155Page - SPANSION S71PL254 Datasheet HTML 156Page - SPANSION S71PL254 Datasheet HTML 157Page - SPANSION S71PL254 Datasheet HTML 158Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 196 page
background image
154
SRAM
SRAM_Type01_02A0 June 15, 2004
Advance
I n f o rmation
Functional Description
8M Version D
Note: X means don’t care (must be low or high state).
Absolute Maximum Ratings (4M Version F)
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Absolute Maximum Ratings (4M Version G, 8M Version C, 8M Version D)
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
CS1#
CS2 OE# WE#
LB#
UB#
IO0~8
IO9~16
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Standby
X
L
X
X
X
X
High-Z
High-Z
Deselected
Standby
X
X
X
X
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
H
L
H
L
L
Dout
Dout
Word Read
Active
L
H
X
L
L
H
Din
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Din
Upper Byte Write
Active
L
H
X
L
L
L
Din
Din
Word Write
Active
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-0.2 to VCC+0.3V
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
°C
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-0.2 to VCC+0.3V (Max. 3.6V)
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 3.6V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com