Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 155 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 155 Page - SPANSION

Back Button S71PL254 Datasheet HTML 151Page - SPANSION S71PL254 Datasheet HTML 152Page - SPANSION S71PL254 Datasheet HTML 153Page - SPANSION S71PL254 Datasheet HTML 154Page - SPANSION S71PL254 Datasheet HTML 155Page - SPANSION S71PL254 Datasheet HTML 156Page - SPANSION S71PL254 Datasheet HTML 157Page - SPANSION S71PL254 Datasheet HTML 158Page - SPANSION S71PL254 Datasheet HTML 159Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 196 page
background image
June 15, 2004 SRAM_Type01_02A0
SRAM
155
Advance
I n f o rmatio n
DC Characteristics
Recommended DC Operating Conditions (Note 1)
Notes:
1. TA = -40 to 85°C, unless otherwise specified.
2. Overshoot: Vcc+1.0V in case of pulse width ≤20ns.
3. Undershoot: -1.0V in case of pulse width ≤20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Capacitance (f=1MHz, TA=25°C)
Note: Capacitance is sampled, not 100% tested
DC Operating Characteristics
Common
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
2.2
-
VCC+0.2 (Note 2)
V
Input low voltage
VIL
-0.2 (Note 3)
-
0.6
V
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
Item
Symbol
Test Conditions
Min
Typ
(Note)
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
µA
Output leakage current
ILO
CS1#=VIH or CS2=VIL or OE#=VIH or
WE#=VIL or LB#=UB#=VIH, VIO=Vss to VCC
-1
-
1
µA
Output low voltage
VOL
IOL = 2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com