Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 188 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 188 Page - SPANSION

Back Button S71PL254 Datasheet HTML 184Page - SPANSION S71PL254 Datasheet HTML 185Page - SPANSION S71PL254 Datasheet HTML 186Page - SPANSION S71PL254 Datasheet HTML 187Page - SPANSION S71PL254 Datasheet HTML 188Page - SPANSION S71PL254 Datasheet HTML 189Page - SPANSION S71PL254 Datasheet HTML 190Page - SPANSION S71PL254 Datasheet HTML 191Page - SPANSION S71PL254 Datasheet HTML 192Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 196 page
background image
188
pSRAM Type 1
pSRAM_Type01_12_A0 June 8, 2004
Advance
I n f o rmation
Power Savings Modes (For 16M Page Mode, 32M and 64M Only)
There are several power savings modes.
Partial Array Self Refresh
Temperature Compensated Refresh (64M)
Deep Sleep Mode
Reduced Memory Size (32M, 16M)
The operation of the power saving modes ins controlled by the settings of bits
contained in the Mode Register. This definition of the Mode Register is shown in
Figure 93 and the various bits are used to enable and disable the various low
power modes as well as enabling Page Mode operation. The Mode Register is set
by using the timings defined in Figure xxx.
Partial Array Self Refresh (PAR)
In this mode of operation, the internal refresh operation can be restricted to a
16Mb, 32Mb, or 48Mb portion of the array. The array partition to be refreshed is
determined by the respective bit settings in the Mode Register. The register set-
tings for the PASR operation are defined in Table xxx. In this PASR mode, when
ZZ# is active low, only the portion of the array that is set in the register is re-
freshed. The data in the remainder of the array will be lost. The PASR operation
mode is only available during standby time (ZZ# low) and once ZZ# is returned
high, the device resumes full array refresh. All future PASR cycles will use the
contents of the Mode Register that has been previously set. To change the ad-
dress space of the PASR mode, the Mode Register must be reset using the
previously defined procedures. For PASR to be activated, the register bit, A4Must
be set to a one (1) value, “PASR Enabled”. If this is the case, PASR will be acti-
vated 10 µs after ZZ# is brought low. If the A4 register bit is set equal to zero
(0), PASR will not be activated.
Temperature Compensated Refresh (for 64Mb)
In this mode of operation, the internal refresh rate can be optimized for the op-
eration temperature used and this can then lower standby current. The DRAM
array in the PSRAM must be refreshed internally on a regular basis. At higher
temperatures, the DRAM cell must be refreshed more often than at lower tem-
peratures. By setting the temperature of operation in the Mode Register, this
refresh rate can be optimized to yield the lowest standby current at the given op-
erating temperature. There are four different temperature settings that can be
programmed in to the PSRAM. These are defined in Figure 93.
Deep Sleep Mode
In this mode of operation, the internal refresh is turned off and all data integrity
of the array is lost. Deep Sleep is entered by bringing ZZ# low with the A4 reg-
ister bit set to a zero (0), “Deep Sleep Enabled”. If this is the case, Deep Sleep
will be entered 10 µs after ZZ# is brought low. The device will remain in this mode
as long as ZZ# remains low. If the A4 register bit is set equal to one (1), Deep
Sleep will not be activated.
Reduced Memory Size (for 32M and 16M)
In this mode of operation, the 32Mb PSRAM can be operated as a 8Mb or 16Mb
device. The mode and array size are determined by the settings in the VA register.
The VA register is set according to the following timings and the bit settings in
the table “Address Patterns for RMS”. The RMS mode is enabled at the time of ZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com