Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 189 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 189 Page - SPANSION

Back Button S71PL254 Datasheet HTML 185Page - SPANSION S71PL254 Datasheet HTML 186Page - SPANSION S71PL254 Datasheet HTML 187Page - SPANSION S71PL254 Datasheet HTML 188Page - SPANSION S71PL254 Datasheet HTML 189Page - SPANSION S71PL254 Datasheet HTML 190Page - SPANSION S71PL254 Datasheet HTML 191Page - SPANSION S71PL254 Datasheet HTML 192Page - SPANSION S71PL254 Datasheet HTML 193Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 196 page
background image
June 8, 2004 pSRAM_Type01_12_A0
pSRAM Type 1
189
Advance
I n f o rmatio n
transitioning high and the mode remains active until the register is updated. To
return to the full 32Mb address space, the VA register must be reset using the
previously defined procedures. While operating in the RMS mode, the unselected
portion of the array may not be used.
Other Mode Register Settings (for 64M)
The Page Mode operation can also be enabled and disabled using the Mode Reg-
ister. Register bit A7 controls the operation of Page Mode and setting this bit to a
one (1), enables Page Mode. If the register bit A7 is set to a zero (0), Page Mode
operation is disabled.
Figure 93. Mode Register
Deep Sleep Enable/Disable
0 = Deep Sleep Enabled
1 = Deep Sleep Disabled (default)
PAR Section
1
1
1 = Top 1/4 array
1
1
0 = Top 1/2 array
1
0
1 = Top 3/4 array
1
0
0 = No PAR
0
1
1 = Bottom 1/4 array
0
1
0 = Bottom 1/2 array
0
0
1 = Bottom 3/4 array
0
0
0 = Full array (default)
Reserved
Must set to all 0
A21 - A8
A7
A6
A5
A4
A3
A2
A1
A0
Page Mode
0 = Page Mode Disabled (default)
1 = Page Mode Enabled
Temp
Compensated
Refresh
1
0 = 15oC
0
1 = 45oC
0
0 = 70oC
1
1 = 85oC (default)
Array Mode
for ZZ#
0 = PAR (default)
1 = RMS
64 Mb
32 Mb / 16 Mb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com