Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 191 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 191 Page - SPANSION

Back Button S71PL254 Datasheet HTML 187Page - SPANSION S71PL254 Datasheet HTML 188Page - SPANSION S71PL254 Datasheet HTML 189Page - SPANSION S71PL254 Datasheet HTML 190Page - SPANSION S71PL254 Datasheet HTML 191Page - SPANSION S71PL254 Datasheet HTML 192Page - SPANSION S71PL254 Datasheet HTML 193Page - SPANSION S71PL254 Datasheet HTML 194Page - SPANSION S71PL254 Datasheet HTML 195Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 196 page
background image
June 8, 2004 pSRAM_Type01_12_A0
pSRAM Type 1
191
Advance
I n f o rmatio n
Mode Register Update and Deep Sleep Timings
Notes:
1. Minimum cycle time for writing register is equal to speed grade of product.
Address Patterns for PASR (A4=1) (64M)
Item
Symbol
Min
Max
Unit
Note
Chip deselect to ZZ# low
tCDZZ
5
ns
ZZ# low to WE# low
tZZWE
10
500
ns
Write register cycle time
tWC
70/85
ns
1
Chip enable to end of write
tCW
70/85
ns
1
Address valid to end of write
tAW
70/85
ns
1
Write recovery time
tWR
0
ns
Address setup time
tAS
0
ns
Write pulse width
tWR
40
ns
Deep Sleep Pulse Width
tZZMIN
10
µs
Deep Sleep Recovery
tR
150
µs
A2 A1 A0
Active Section
Address Space
Size
Density
1
1
1
Top quarter of die
300000h-3FFFFFh
1Mb x 16
16Mb
1
1
0
Top half of die
200000h-3FFFFFh
2Mb x 16
32Mb
1
0
1
Reserved
1
0
0
No PASR
None
0
0
0
1
1
Bottom quarter of die
000000h-0FFFFFh
1Mb x 16
16Mb
0
1
0
Bottom half of die
000000h-1FFFFFh
2Mb x 16
32Mb
0
0
1
Reserved
0
0
0
Full array
000000h-3FFFFFh
4Mb x 16
64Mb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com