Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 195 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 195 Page - SPANSION

Back Button S71PL254 Datasheet HTML 188Page - SPANSION S71PL254 Datasheet HTML 189Page - SPANSION S71PL254 Datasheet HTML 190Page - SPANSION S71PL254 Datasheet HTML 191Page - SPANSION S71PL254 Datasheet HTML 192Page - SPANSION S71PL254 Datasheet HTML 193Page - SPANSION S71PL254 Datasheet HTML 194Page - SPANSION S71PL254 Datasheet HTML 195Page - SPANSION S71PL254 Datasheet HTML 196Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 195 / 196 page
background image
November 22, 2004 S71PL254/127/064/032J_00_A6
Revision Summary
195
Advance
I n f o rmatio n
Replaced “S71PL064JA0-0Z” with
Added row with the following content:S71PL064JB0-07; 65; 32M pSRAM; 70; Psram
1; TLC056.
“32Mb Flash Memory” on page 2
Replaced “S71PL032JA0-08” with “S71PL032JA0-0F”.
“64Mb Flash Memory” on page 2
Replaced “S71PL032JA0-07” with “S71PL032JA0-0K”.
“128Mb Flash Memory” on page 3
Added row with the following content: S71PL127JB0-9; 65; 32M pSRAM; 70;
pSRAM; TLA064.
Replaced “S71PL127JB0-97” with “S71PL127JB0-9Z”.
Added row with the following content: S71PL127JC0-97; 65; 64M pSRAM; 70;
pSRAM1; TLA064.
Replaced “S71PL127JC0-9P” with “S71PL127JC0-9Z”.
In the S71Pl254JB0-TB row changed pSRAM type from “pSRAM3” to “pSRAM2”.
“256Mb Flash Memory (2xS29PL127J)” on page 3
Added row with the following content: S71PL254JB0-TB; 65; 32M pSRAM; 70;
pSRAM3; FTA084.
Added row with the following content: S71PL254JC0-TB; 65; 64M pSRAM; 70;
pSRAM2; FTA084.
“Connection Diagram (S71PL127J)” on page 11
Updated pins D8, D9, and L5.
Added notes 2 and 3 to drawing.
“Connection Diagram (S71PL254J)” on page 12
Updated pins D8 and D9.
Added Note 2 to drawing.
“S71PL032J Valid Combinations” on page 15
Changed S71PL032J08 (p)SRAM Type Access Time (ns) from “SRAM1” to
“SRAM2” (4 changes made in table).
Changed S71PL032JA0 (p)SRAM Type Access Time (ns) from “SRAM3 / 70” to
pSRAM3 /70”.
Deleted all cells with the following collaborated text: “BAW,BFW, BAI. BFI”.
Merged previous place holder with cell above.
“S71PL064J Valid Combinations” on page 16
In (p)SRAM Type/Access Time (ns) changed all instances of “stet” to “pSRAM1/
70”.
In Package Modifier/Model Number changed all instances of “stet” to “07”.
Added row to BAW Package and Temperature sections with the following content:
S71PL064JB0; 07; 65 (previously inclusive); pSRAM1/70.
“S71PL127J Valid Combinations” on page 17
Changed the S71PL127JA0 Package Modifier/Model Number from “9Z” to “9P” (4
instances).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com