Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 25Page - Renesas Technology Corp 80C86 Datasheet HTML 26Page - Renesas Technology Corp 80C86 Datasheet HTML 27Page - Renesas Technology Corp 80C86 Datasheet HTML 28Page - Renesas Technology Corp 80C86 Datasheet HTML 29Page - Renesas Technology Corp 80C86 Datasheet HTML 30Page - Renesas Technology Corp 80C86 Datasheet HTML 31Page - Renesas Technology Corp 80C86 Datasheet HTML 32Page - Renesas Technology Corp 80C86 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 29 of 38
August 19, 2015
Burn-In Circuits
MD80C86 CERDIP
NOTES:
24. VCC = 5.5V0.5V, GND = 0V.
25. Input voltage limits (except clock):
VIL (maximum) = 0.4V
VIH (minimum) = 2.6V, VIH (clock) = (VCC - 0.4V) minimum.
26. VCC/2 is external supply set to 2.7V ±10%.
27. VCL is generated on program card (VCC - 0.65V).
28. Pins 13 - 16 input sequenced instruction from internal hold devices.
29. F0 = 100kHz ±10%.
30. Node
= a 40µs pulse every 2.56ms.
COMPONENTS:
1. RI = 10k
±5%, 1/4W
2. RO = 1.2k
±5%, 1/4W
3. RIO = 2.7k
±5%, 1/4W
4. RC = 1k
± ±5%, 1/4W
5. C = 0.01µF (Minimum)
33
34
35
36
37
38
40
32
31
30
29
24
25
26
27
28
21
22
23
13
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
39
GND
GND
NMI
INTR
CLK
GND
1
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RC
RI
RI
VCC/2
VCL
VCL
VCC/2
GND
VCC/2
VCC/2
RI
VCC/2
VCC/2
VCC/2
VCL
VCC
GND
RIO
RO
RO
RO
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
GND
VCL
NODE
FROM
PROGRAM
CARD
GND
GND
VCL
GND
GND
VCL
GND
GND
GND
VCL
VCL
VCL
OPEN
OPEN
OPEN
OPEN
GND
GND
F0
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
A
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
VCC
QS2
TEST
READY
RESET
AD15
AD16
AD17
AD18
AD19
BHE
MX
RD
RQ0
RQ1
LOCK
S2
S1
S0
QS0
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com