Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 5Page - Renesas Technology Corp 80C86 Datasheet HTML 6Page - Renesas Technology Corp 80C86 Datasheet HTML 7Page - Renesas Technology Corp 80C86 Datasheet HTML 8Page - Renesas Technology Corp 80C86 Datasheet HTML 9Page - Renesas Technology Corp 80C86 Datasheet HTML 10Page - Renesas Technology Corp 80C86 Datasheet HTML 11Page - Renesas Technology Corp 80C86 Datasheet HTML 12Page - Renesas Technology Corp 80C86 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 9 of 38
August 19, 2015
Word (16-bit) operands can be located on even or odd address
boundaries and are thus, not constrained to even boundaries
as is the case in many 16-bit computers. For address and data
operands, the least significant byte of the word is stored in the
lower valued address location and the most significant byte in
the next higher address location. The BIU automatically
performs the proper number of memory accesses; one, if the
word operand is on an even byte boundary and two, if it is on
an odd byte boundary. Except for the performance penalty, this
double access is transparent to the software. The performance
penalty does not occur for instruction fetches; only word
operands.
Physically, the memory is organized as a high bank (D15-D8)
and a low bank (D7-D0) of 512k bytes addressed in parallel by
the processor’s address lines.
Byte data with even addresses is transferred on the D7-D0 bus
lines, while odd addressed byte data (A0 HIGH) is transferred
on the D15-D8 bus lines. The processor provides two enable
signals, BHE and A0, to selectively allow reading from or
writing into either an odd byte location, even byte location, or
both. The instruction stream is fetched from memory as words
and is addressed internally by the processor at the byte level
as necessary.
In referencing word data, the BlU requires one or two memory
cycles depending on whether the starting byte of the word is on
an even or odd address, respectively. Consequently, in
referencing word operands performance can be optimized by
locating data on even address boundaries. This is an especially
useful technique for using the stack, since odd address
references to the stack may adversely affect the context
switching time for interrupt processing or task multiplexing.
Certain locations in memory are reserved for specific CPU
operations (see Figure 2). Locations from address FFFF0H
through FFFFFH are reserved for operations including a jump to
the initial program loading routine. Following RESET, the CPU
will always begin execution at location FFFF0H where the jump
must be located. Locations 00000H through 003FFH are
reserved for interrupt operations. Each of the 256 possible
interrupt service routines is accessed through its own pair of
16-bit pointers (segment address pointer and offset address
pointer). The first pointer, used as the offset address, is loaded
into the lP and the second pointer, which designates the base
address is loaded into the CS. At this point, program control is
transferred to the interrupt routine. The pointer elements are
assumed to have been stored at the respective places in
reserved memory prior to occurrence of interrupts.
Minimum and Maximum Operation Modes
The requirements for supporting minimum and maximum 80C86
systems are sufficiently different that they cannot be met
efficiently using 40 uniquely defined pins. Consequently, the
80C86 is equipped with a strap pin (MN/MX) which defines the
system configuration. The definition of a certain subset of the
pins changes, dependent on the condition of the strap pin. When
the MN/MX pin is strapped to GND, the 80C86 defines pins 24
through 31 and 34 in maximum mode. When the MN/MX pin is
strapped to VCC, the 80C86 generates bus control signals itself
on pins 24 through 31 and 34.
The minimum mode 80C86 can be used with either a
multiplexed or demultiplexed bus. This architecture provides
the 80C86 processing power in a highly integrated form.
The demultiplexed mode requires two 82C82 latches (for 64k
addressability) or three 82C82 latches (for a full megabyte of
addressing). An 82C86 or 82C87 transceiver can also be used if
data bus buffering is required (see Figure 6A.) The 80C86
provides DEN and DT/R to control the transceiver, and ALE to
latch the addresses. This configuration of the minimum mode
provides the standard demultiplexed bus structure with heavy
bus buffering and relaxed bus timing requirements.
The maximum mode employs the 82C88 bus controller (see
Figure 6B). The 82C88 decodes status lines S0, S1 and S2,
and provides the system with all bus control signals.
Moving the bus control to the 82C88 provides better source
and sink current capability to the control lines, and frees the
80C86 pins for extended large system features. Hardware
lock, queue status, and two request/grant interfaces are
provided by the 80C86 in maximum mode. These features
allow coprocessors in local bus and remote bus configurations.
Bus Operation
The 80C86 has a combined address and data bus commonly
referred to as a time multiplexed bus. This technique provides
the most efficient use of pins on the processor while permitting
the use of a standard 40 lead package. This “local bus” can be
buffered directly and used throughout the system with address
latching provided on memory and I/O modules. In addition, the
bus can also be demultiplexed at the processor with a single
set of 82C82 address latches if a standard non-multiplexed bus
is desired for the system.
Each processor bus cycle consists of at least 4 CLK cycles.
These are referred to as t1, t2, t3 and t4 (see Figure 3). The
address is emitted from the processor during t1 and data
transfer occurs on the bus during t3 and t4. t2 is used primarily
for changing the direction of the bus during read operations. In
the event that a “NOT READY” indication is given by the
addressed device, “Wait” states (tW) are inserted between t3
and t4. Each inserted wait state is the same duration as a CLK
cycle. Periods can occur between 80C86 driven bus cycles.
These are referred to as idle” states (TI) or inactive CLK cycles.
The processor uses these cycles for internal housekeeping
and processing.
During t1 of any bus cycle, the ALE (Address Latch Enable)
signal is emitted (by either the processor or the 82C88 bus
controller, depending on the MN/MX strap). At the trailing edge
of this pulse, a valid address and certain status information for
the cycle may be latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com