Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 14Page - Renesas Technology Corp 80C86 Datasheet HTML 15Page - Renesas Technology Corp 80C86 Datasheet HTML 16Page - Renesas Technology Corp 80C86 Datasheet HTML 17Page - Renesas Technology Corp 80C86 Datasheet HTML 18Page - Renesas Technology Corp 80C86 Datasheet HTML 19Page - Renesas Technology Corp 80C86 Datasheet HTML 20Page - Renesas Technology Corp 80C86 Datasheet HTML 21Page - Renesas Technology Corp 80C86 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 18 of 38
August 19, 2015
Capacitance
TA = +25°C
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
25
pF
FREQ = 1MHz. All measurements are referenced to device GND
COUT
Output Capacitance
25
pF
FREQ = 1MHz. All measurements are referenced to device GND
CI/O
I/O Capacitance
25
pF
FREQ = 1MHz. All measurements are referenced to device GND
NOTES:
3. lBHH should be measured after raising VIN to VCC and then lowering to 3.0V on the following pins 2-16, 26-32, 34-39.
4. IBHL should be measured after lowering VIN to GND and then raising to 0.8V on the following pins: 2-16, 34-39.
5. lCCSB tested during clock high time after halt instruction executed. VIN = VCC or GND, VCC = 5.5V, Outputs unloaded.
6. IO should be measured by putting the pin in a high impedance state and then driving VOUT to GND on the following pins: 26-29 and 32.
7. MN/MX is a strap option and should be held to VCC or GND.
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V ±100%; TA = -55°C to +125°C (M80C86)
VCC = 5.0V ±5%; TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested.
SYMBOL
PARAMETER
TEST
CONDITIONS
80C86
80C86-2
UNITS
MIN
MAX
MIN
MAX
MINIMUM COMPLEXITY SYSTEM
Timing Requirements
(1)
TCLCL
Cycle Period
200
125
ns
(2)
TCLCH
CLK Low Time
118
68
ns
(3)
TCHCL
CLK High Time
69
44
ns
(4)
TCH1CH2 CLK Rise Time
From 1.0V to 3.5V
10
10
ns
(5)
TCL2C1
CLK FaIl Time
From 3.5V to 1.0V
10
10
ns
(6)
TDVCL
Data In Setup Time
30
20
ns
(7)
TCLDX1
Data In Hold Time
10
10
ns
(8)
TR1VCL
RDY Setup Time into 82C84A
(Notes 8, 9)
35
35
ns
(9)
TCLR1X
RDY Hold Time into 82C84A (Notes 8, 9)
0
0
ns
(10)
TRYHCH
READY Setup Time into 80C86
118
68
ns
(11)
TCHRYX
READY Hold Time into 80C86
30
20
ns
(12)
TRYLCL
READY Inactive to CLK (Note 10)
-8
-8
ns
(13)
THVCH
HOLD Setup Time
35
20
n
s
(14)
TINVCH
lNTR, NMI, TEST Setup Time (Note 9)
30
15
ns
(15)
TILIH
Input Rise Time (Except CLK)
From 0.8V to 2.0V
15
15
ns
(16)
TIHIL
Input FaIl Time (Except CLK)
From 2.0V to 0.8V
15
15
ns
Timing Responses
(17)
TCLAV
Address Valid Delay
CL = 100pF
10
110
10
60
ns
(18)
TCLAX
Address Hold Time
CL = 100pF
10
10
ns
(19)
TCLAZ
Address Float Delay
CL = 100pF
TCLAX
80
TCLAX
50
ns
(20)
TCHSZ
Status Float Delay
CL = 100pF
80
50
ns
(21)
TCHSV
Status Active Delay
CL = 100pF
10
110
10
60
ns
(22)
TLHLL
ALE Width
CL = 100pF
TCLCH - 20
TCLCH - 10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com