| Electronic Components Datasheet Search |
|
80C86 Datasheet(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
80C86 Datasheet(HTML) 12 Page - Renesas Technology Corp |
|
12 / 38 page ![]() 80C86 FN2957 Rev 4.00 Page 12 of 38 August 19, 2015 External Interface Processor RESET and Initialization Processor initialization or start up is accomplished with activation (HIGH) of the RESET pin. The 80C86 RESET is required to be HIGH for greater than 4 CLK cycles. The 80C86 will terminate operations on the high-going edge of RESET and will remain dormant as long as RESET is HIGH. The low-going transition of RESET triggers an internal reset sequence for approximately 7 CLK cycles. After this interval, the 80C86 operates normally beginning with the instruction in absolute location FFFF0H (see Figure 2). The RESET input is internally synchronized to the processor clock. At initialization, the HIGH-to-LOW transition of RESET must occur no sooner than 50µs (or 4 CLK cycles, whichever is greater) after power-up, to allow complete initialization of the 80C86. NMl will not be recognized prior to the second CLK cycle following the end of RESET. If NMl is asserted sooner than nine clock cycles after the end of RESET, the processor may execute one instruction before responding to the interrupt. (4 + NWAIT) = TCY t1 t2 t3 t4 tWAIT t1 t2 t3 t4 tWAIT (4 + NWAIT) = TCY GOES INACTIVE IN THE STATE JUST PRIOR TO t4 BHE, A19-A16 S7-S3 A15-A0 D15-D0 VALID A15-A0 DATA OUT (D15-D0) READY READY WAIT WAIT MEMORY ACCESS TIME ADDR/ STATUS CLK ALE S2-S0 ADDR/DATA RD, INTA READY DT/R DEN WR BHE A19-A16 S7-S3 BUS RESERVED FOR DATA IN FIGURE 3. BASIC SYSTEM TIMING |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |