Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 13Page - Renesas Technology Corp 80C86 Datasheet HTML 14Page - Renesas Technology Corp 80C86 Datasheet HTML 15Page - Renesas Technology Corp 80C86 Datasheet HTML 16Page - Renesas Technology Corp 80C86 Datasheet HTML 17Page - Renesas Technology Corp 80C86 Datasheet HTML 18Page - Renesas Technology Corp 80C86 Datasheet HTML 19Page - Renesas Technology Corp 80C86 Datasheet HTML 20Page - Renesas Technology Corp 80C86 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 17 of 38
August 19, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
Gate Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9750 Gates
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
M80C86-2 ONLY . . . . . . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Temperature Range
C80C86-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
M80C86-2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Typical)
JA (oC/W) JC (oC/W)
PDIP Package* (Note 1) . . . . . . . . . . .
50
N/A
CERDIP Package (Notes 1, 2) . . . . . .
30
6
Storage Temperature Range . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature
Ceramic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
DC Electrical Specifications
VCC = 5.0V, ±10%; TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V, ±10%; TA = -55°C to +125°C (M80C86)
VCC = 5.0V, ±5%; TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested.
SYMBOL
PARAMETER
TEST CONDITION
MIN
MAX
UNITS
VlH
Logical One
C80C86 (Note 6)
2.0
V
Input Voltage
M80C86 (Note 6)
2.2
V
VIL
Logical Zero Input Voltage
0.8
V
VIHC
CLK Logical One Input Voltage
VCC - 0.8
V
VILC
CLK
Logical Zero Input Voltage
0.8
V
VOH
Output High Voltage
lOH = -2.5mA
3.0
V
lOH = -100µA
VCC - 0.4
V
VOL
Output Low Voltage
lOL = +2.5mA
0.4
V
II
Input Leakage Current
VIN = GND or VCC DIP
Pins 17-19, 21-23, 33
-1.0
1.0
µA
lBHH
Input Current-Bus Hold High
VIN = - 3.0V (Note 3)
-40
-400
µA
lBHL
Input Current-Bus Hold Low
VIN = - 0.8V (Note 4)
40
400
µA
IO
Output Leakage Current
VOUT = GND (Note 6)
-
-10.0
µA
ICCSB
Standby Power Supply Current
VCC = - 5.5V (Note 5)
-
500
µA
ICCOP
Operating Power Supply Current
FREQ = Max, VIN = VCC or GND,
Outputs Open (Note 7)
-10
mA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com