Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 30Page - Renesas Technology Corp 80C86 Datasheet HTML 31Page - Renesas Technology Corp 80C86 Datasheet HTML 32Page - Renesas Technology Corp 80C86 Datasheet HTML 33Page - Renesas Technology Corp 80C86 Datasheet HTML 34Page - Renesas Technology Corp 80C86 Datasheet HTML 35Page - Renesas Technology Corp 80C86 Datasheet HTML 36Page - Renesas Technology Corp 80C86 Datasheet HTML 37Page - Renesas Technology Corp 80C86 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 35 of 38
August 19, 2015
STD = Set Direction
1 1 1 1 1 1 0 1
CLl = Clear Interrupt
1 1 1 1 1 0 1 0
ST = Set Interrupt
1 1 1 1 1 0 1 1
HLT = Halt
1 1 1 1 0 1 0 0
WAIT = Wait
1 0 0 1 1 0 1 1
ESC = Escape (to External Device)
1 1 0 1 1 x x x
mod x x x r/m
LOCK = Bus Lock Prefix
1 1 1 1 0 0 0 0
NOTES:
AL = 8-bit accumulator
AX = 16-bit accumulator
CX = Count register
DS= Data segment
ES = Extra segment
Above/below refers to unsigned value.
Greater = more positive;
Less = less positive (more negative) signed values
if d = 1 then “to” reg; if d = 0 then “from” reg
if w = 1 then word instruction; if w = 0 then byte
instruction
if mod = 11 then r/m is treated as a REG field
if mod = 00 then DISP = O†, disp-low and disp-high
are absent
if mod = 01 then DISP = disp-low sign-extended
16-bits, disp-high is absent
if mod = 10 then DISP = disp-high:disp-low
if r/m = 000 then EA = (BX) + (SI) + DISP
if r/m = 001 then EA = (BX) + (DI) + DISP
if r/m = 010 then EA = (BP) + (SI) + DISP
if r/m = 011 then EA = (BP) + (DI) + DISP
if r/m = 100 then EA = (SI) + DISP
if r/m = 101 then EA = (DI) + DISP
if r/m = 110 then EA = (BP) + DISP †
if r/m = 111 then EA = (BX) + DISP
DISP follows 2nd byte of instruction (before data
if required)
† except if mod = 00 and r/m = 110 then
EA = disp-high: disp-low.
†† MOV CS, REG/MEMORY not allowed.
if s:w = 01 then 16-bits of immediate data form the operand.
if s:w. = 11 then an immediate data byte is sign extended
to form the 16-bit operand.
if v = 0 then “count” = 1; if v = 1 then “count” in (CL)
x = don't care
z is used for string primitives for comparison with ZF FLAG.
SEGMENT OVERRIDE PREFIX
001 reg 11 0
REG is assigned according to the following table:
16-BIT (w = 1)
8-BIT (w = 0)
SEGMENT
000 AX
000 AL
00 ES
001 CX
001 CL
01 CS
010 DX
010 DL
10 SS
011 BX
011 BL
11 DS
100 SP
100 AH
00 ES
101 BP
101 CH
00 ES
110 SI
110 DH
00 ES
111 DI
111 BH
00 ES
Instructions which reference the flag register file as a 16-bit object
use the symbol FLAGS to represent the file:
FLAGS =
X:X:X:X:(OF):(DF):(IF):(TF):(SF):(ZF):X:(AF):X:(PF):X:(CF)
Mnemonics
Intel, 1978
Instruction Set Summary (Continued)
MNEMONIC AND DESCRIPTION
INSTRUCTION CODE
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com