Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 12Page - Renesas Technology Corp 80C86 Datasheet HTML 13Page - Renesas Technology Corp 80C86 Datasheet HTML 14Page - Renesas Technology Corp 80C86 Datasheet HTML 15Page - Renesas Technology Corp 80C86 Datasheet HTML 16Page - Renesas Technology Corp 80C86 Datasheet HTML 17Page - Renesas Technology Corp 80C86 Datasheet HTML 18Page - Renesas Technology Corp 80C86 Datasheet HTML 19Page - Renesas Technology Corp 80C86 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 16 of 38
August 19, 2015
FIGURE 6A. MINIMUM MODE 80C86 TYPICAL CONFIGURATION
FIGURE 6B. MAXIMUM MODE 80C86 TYPICAL CONFIGURATION
GND
82C8A/85
CLOCK
BHE
A16-A19
AD0-AD15
ALE
80C86
CPU
DT/R
WR
RD
MN/MX
RESET
READY
CLK
VCC
C1
C2
GND
GND
1
20
40
C1 = C2 = 0.1µF
VCC
VCC
STB
OE
82C82
T
OE
82C86
TRANSCEIVER
(2)
BHE
ADDR
DATA
A0
E
G
HM-6616
CMOS PROM (2)
2k x 8
2k x 8
CS
RD WR
CMOS
82CXX
PERIPHERALS
HM-6516
CMOS RAM
2k x 8
W G
GND
VCC
WAIT
STATE
GENERATOR
GENERATOR
RES
RDY
M/IO
INTA
DEN
LATCH
2 OR 3
EH
EL
2k x 8
ADDR/DATA
OPTIONAL
FOR INCREASED
DATA BUS DRIVE
GND
82C84A/85
CLOCK
GENERATOR/
BHE
A16-A19
AD0-AD15
LOCK
80C86
CPU
S2
S1
S0
MN/MX
RESET
READY
CLK
VCC
C1
C2
GND
GND
1
20
40
C1 = C2 = 0.1µF
GND
VCC
CLK
S0
S1
S2
DEN
DT/R
ALE
MRDC
MWTC
AMWC
IORC
IOWC
AIOWC
INTA
82C88
BUS
CTRLR
STB
OE
82C82
(2 OR 3)
T
OE
82C86
TRANSCEIVER
(2)
BHE
NC
NC
ADDR
DATA
A0
E
G
HM-6616
CMOS PROM (2)
2k x 8
2k x 8
CS
RDWR
CMOS
82CXX
PERIPHERALS
HM-65162
CMOS RAM
2k x 8
EH
GND
VCC
NC
ADDR/DATA
WAIT
STATE
GENERATOR
EL
W G
2k x 8
RES
RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com