Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 4Page - Renesas Technology Corp 80C86 Datasheet HTML 5Page - Renesas Technology Corp 80C86 Datasheet HTML 6Page - Renesas Technology Corp 80C86 Datasheet HTML 7Page - Renesas Technology Corp 80C86 Datasheet HTML 8Page - Renesas Technology Corp 80C86 Datasheet HTML 9Page - Renesas Technology Corp 80C86 Datasheet HTML 10Page - Renesas Technology Corp 80C86 Datasheet HTML 11Page - Renesas Technology Corp 80C86 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 8 of 38
August 19, 2015
Functional Description
Static Operation
All 80C86 circuitry is of static design. Internal registers,
counters and latches are static and require no refresh as with
dynamic circuit design. This eliminates the minimum operating
frequency restriction placed on other microprocessors. The
CMOS 80C86 can operate from DC to the specified upper
frequency limit. The processor clock may be stopped in either
state (HIGH/LOW) and held there indefinitely. This type of
operation is especially useful for system debug or power
critical applications.
The 80C86 can be single stepped using only the CPU clock.
This state can be maintained as long as is necessary. Single
step clock operation allows simple interface circuitry to provide
critical information for bringing up your system.
Static design also allows very low frequency operation (down
to DC). In a power critical situation, this can provide extremely
low power operation since 80C86 power dissipation is directly
related to operating frequency. As the system frequency is
reduced, so is the operating power until, ultimately, at a DC
input frequency, the 80C86 power requirement is the standby
current, (500µA maximum).
Internal Architecture
The internal functions of the 80C86 processor are partitioned
logically into two processing units. The first is the Bus Interface
Unit (BlU) and the second is the Execution Unit (EU) as shown
in the “Functional Diagram” on page 3.
These units can interact directly, but for the most part perform as
separate asynchronous operational processors. The bus
interface unit provides the functions related to instruction
fetching and queuing, operand fetch and store, and address
relocation. This unit also provides the basic bus control. The
overlap of instruction pre-fetching provided by this unit serves to
increase processor performance through improved bus
bandwidth utilization. Up to 6 bytes of the instruction stream can
be queued while waiting for decoding and execution.
The instruction stream queuing mechanism allows the BIU to
keep the memory utilized very efficiently. Whenever there is
space for at least 2 bytes in the queue, the BlU will attempt a
word fetch memory cycle. This greatly reduces “dead-time” on
the memory bus. The queue acts as a First-In-First-Out (FIFO)
buffer, from which the EU extracts instruction bytes as
required. If the queue is empty (following a branch instruction,
for example), the first byte into the queue immediately
becomes available to the EU.
The execution unit receives pre-fetched instructions from the BlU
queue and provides un-relocated operand addresses to the BlU.
Memory operands are passed through the BIU for processing by
the EU, which passes results to the BIU for storage.
Memory Organization
The processor provides a 20-bit address to memory, which
locates the byte being referenced. The memory is organized
as a linear array of up to 1 million bytes, addressed as
00000(H) to FFFFF(H). The memory is logically divided into
code, data, extra and stack segments of up to 64k bytes each,
with each segment falling on 16-byte boundaries (see Figure
1).
All memory references are made relative to base addresses
contained in high speed segment registers. The segment types
were chosen based on the addressing needs of programs. The
segment register to be selected is automatically chosen
according to the specific rules of Table 1. All information in one
segment type share the same logical attributes (e.g. code or
data). By structuring memory into re-locatable areas of similar
characteristics and by automatically selecting segment
registers, programs are shorter, faster and more structured
(see Table 1).
TABLE 1.
TYPE OF
MEMORY
REFERENCE
DEFAULT
SEGMENT
BASE
ALTERNATE
SEGMENT
BASE
OFFSET
Instruction Fetch
CS
None
IP
Stack Operation
SS
None
SP
Variable (except
following)
DS
CS, ES, SS
Effective
Address
String Source
DS
CS, ES, SS
SI
String Destination
ES
None
DI
BP Used As Base
Register
SS
CS, DS, ES
Effective
Address
SEGMENT
REGISTER FILE
CS
SS
DS
ES
64k-BIT
+ OFFSET
FFFFFH
CODE SEGMENT
XXXXOH
STACK SEGMENT
DATA SEGMENT
EXTRA SEGMENT
00000H
FIGURE 1. 80C86 MEMORY ORGANIZATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com