Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 19Page - Renesas Technology Corp 80C86 Datasheet HTML 20Page - Renesas Technology Corp 80C86 Datasheet HTML 21Page - Renesas Technology Corp 80C86 Datasheet HTML 22Page - Renesas Technology Corp 80C86 Datasheet HTML 23Page - Renesas Technology Corp 80C86 Datasheet HTML 24Page - Renesas Technology Corp 80C86 Datasheet HTML 25Page - Renesas Technology Corp 80C86 Datasheet HTML 26Page - Renesas Technology Corp 80C86 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 23 of 38
August 19, 2015
(22)
TCLSH
Status Inactive Delay (Note 15)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
130
10
70
ns
(23)
TCLAV
Address Valid Delay
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
110
10
60
ns
(24)
TCLAX
Address Hold Time
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
10
ns
(25)
TCLAZ
Address Float Delay
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
TCLAX
80
TCLAX
50
ns
(26)
TCHSZ
Status Float Delay
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
80
50
ns
(27)
TSVLH
Status Valid to ALE High (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
20
20
ns
(28)
TSVMCH
Status Valid to MCE High (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
30
30
ns
(29)
TCLLH
CLK low to ALE Valid (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
20
20
ns
(30)
TCLMCH
CLK low to MCE High (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
25
25
ns
(31)
TCHLL
ALE Inactive Delay (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
4
18418
ns
(32)
TCLMCL
MCE Inactive Delay (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
15
15
ns
(33)
TCLDV
Data Valid Delay
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
110
10
60
ns
AC Electrical Specifications
VCC = 5.0V ±10%TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V ±10%;TA = -55°C to +125°C (M80C86)
VCC = 5.0V ±5%;TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested. (Continued)
TIMING REQUIREMENTS
TEST CONDITIONS
80C86
80C86-2
UNITS
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com