Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 21Page - Renesas Technology Corp 80C86 Datasheet HTML 22Page - Renesas Technology Corp 80C86 Datasheet HTML 23Page - Renesas Technology Corp 80C86 Datasheet HTML 24Page - Renesas Technology Corp 80C86 Datasheet HTML 25Page - Renesas Technology Corp 80C86 Datasheet HTML 26Page - Renesas Technology Corp 80C86 Datasheet HTML 27Page - Renesas Technology Corp 80C86 Datasheet HTML 28Page - Renesas Technology Corp 80C86 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 25 of 38
August 19, 2015
Waveforms
FIGURE 8A. BUS TIMING - MAXIMUM MODE (USING 82C88)
NOTES:
16. Signals at 82C84A or 82C88 are shown for reference only. RDY is sampled near the end of t2, t3, tW to determine if TW machine states are to
be inserted.
17. The issuance of the 82C88 command and control signals (MRDC, MWTC, AMWC, IORC, IOWC, AIOWC, INTA, and DEN) lags the active high
82C88 CEN.
18. Status inactive in state just prior to t4.
t1
t2
t3
t4
TCLCL
TCH1CH2
TCL2CL1 tW
TCHCL (3)
(21) TCHSV
(SEE NOTE 17)
TCLDV
TCLAX
(23) TCLAV
TCLAV
BHE, A19-A16
TSVLH
TCLLH
TR1VCL
TCHLL
TCLR1X
TCLAV
TDVCL
TCLDX1
TCLAX
AD15-AD0
DATA IN
TRYHSH
(39) TCLRH
TRHAV
(41) TCHDTL
TCLRL
TRLRH
TCHDTH
(37) TAZRL
TCLML
TCLMH
(35) TCVNV
TCVNX
CLK
QS0, QS1
S2, S1, S0 (EXCEPT HALT)
BHE/S7, A19/S6-A16/S3
ALE (82C88 OUTPUT)
RDY (82C84 INPUT)
NOTE
READY 80C86 INPUT)
READ CYCLE
82C88
OUTPUTS
SEE NOTES
15, 16
MRDC OR IORC
DEN
S7-S3
AD15-AD0
RD
DT/R
TCLAV
(1)
(4)
(23)
TCLCH
(2)
TCLSH
(22)
(24)
(23)
(27)
(29)
(31)
(8)
(9)
TCHRYX
(11)
(20)
(12) TRYLCL
(24)
TRYHCH
(10)
(6)
(7)
(23)
(40)
(42)
(45)
(38)
(18)
(19)
(36)
(33)
TCLAZ
(25)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com