Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 6Page - Renesas Technology Corp 80C86 Datasheet HTML 7Page - Renesas Technology Corp 80C86 Datasheet HTML 8Page - Renesas Technology Corp 80C86 Datasheet HTML 9Page - Renesas Technology Corp 80C86 Datasheet HTML 10Page - Renesas Technology Corp 80C86 Datasheet HTML 11Page - Renesas Technology Corp 80C86 Datasheet HTML 12Page - Renesas Technology Corp 80C86 Datasheet HTML 13Page - Renesas Technology Corp 80C86 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 10 of 38
August 19, 2015
Status bits S0, S1 and S2 are used by the bus controller, in
maximum mode, to identify the type of bus transaction
according to Table 2.
Status bits S3 through S7 are time multiplexed with high order
address bits and the BHE signal, and are therefore valid during
t2 through t4. S3 and S4 indicate which segment register (see
“Instruction Set Summary” on page 31) was used for this bus
cycle in forming the address, according to Table 3.
S5 is a reflection of the PSW interrupt enable bit. S3 is always
zero and S7 is a spare status bit.
I/O Addressing
In the 80C86, I/O operations can address up to a maximum of
64k I/O byte registers or 32k I/O word registers. The I/O
address appears in the same format as the memory address
on bus lines A15-A0. The address lines A19-A16 are zero in
I/O operations. The variable I/O instructions which use register
DX as a pointer have full address capability while the direct I/O
instructions directly address one or two of the 256 I/O byte
locations in page 0 of the I/O address space.
I/O ports are addressed in the same manner as memory
locations. Even addressed bytes are transferred on the D7-D0
bus lines and odd addressed bytes on D15-D8. Care must be
taken to ensure that each register within an 8-bit peripheral
located on the lower portion of the bus be addressed as even.
TABLE 2.
S2
S1
S0
CHARACTERISTICS
0
0
0
Interrupt
0
0
1
Read I/O
0
1
0
Write I/O
011
Halt
1
0
0
Instruction Fetch
1
0
1
Read Data from Memory
1
1
0
Write Data to Memory
1
1
1
Passive (No Bus Cycle)
TABLE 3.
S4
S3
CHARACTERISTICS
0
0
Alternate Data (Extra Segment)
01
Stack
1
0
Code or None
11
Data
80C86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com