Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 15Page - Renesas Technology Corp 80C86 Datasheet HTML 16Page - Renesas Technology Corp 80C86 Datasheet HTML 17Page - Renesas Technology Corp 80C86 Datasheet HTML 18Page - Renesas Technology Corp 80C86 Datasheet HTML 19Page - Renesas Technology Corp 80C86 Datasheet HTML 20Page - Renesas Technology Corp 80C86 Datasheet HTML 21Page - Renesas Technology Corp 80C86 Datasheet HTML 22Page - Renesas Technology Corp 80C86 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 19 of 38
August 19, 2015
(23)
TCLLH
ALE Active Delay
CL = 100pF
80
50
ns
(24)
TCHLL
ALE Inactive Delay
CL = 100pF
85
55
ns
(25)
TLLAX
Address Hold Time to ALE Inactive
CL = 100pF
TCHCL - 10
TCHCL - 10
ns
(26)
TCLDV
Data Valid Delay
CL = 100pF
10
110
10
60
ns
(27)
TCLDX2
Data Hold Time
CL = 100pF
10
10
ns
(28)
TWHDX
Data Hold Time After WR
CL = 100pF
TCLCL - 30
TCLCL - 30
ns
(29)
TCVCTV
Control Active Delay 1
CL = 100pF
10
110
10
70
ns
(30)
TCHCTV
Control Active Delay 2
CL = 100pF
10
110
10
60
ns
(31)
TCVCTX
Control Inactive Delay
CL = 100pF
10
110
10
70
ns
(32)
TAZRL
Address Float to READ Active
CL = 100pF
0
0
ns
(33)
TCLRL
RD Active Delay
CL = 100pF
10
165
10
100
ns
(34)
TCLRH
RD Inactive Delay
CL = 100pF
10
150
10
80
ns
(35)
TRHAV
RD Inactive to Next Address Active
CL = 100pF
TCLCL - 45
TCLCL - 40
ns
(36)
TCLHAV
HLDA Valid Delay
CL = 100pF
10
160
10
100
ns
(37)
TRLRH
RD Width
CL = 100pF
2TCLCL - 75
2TCLCL - 50
ns
(38)
TWLWH
WR Width
CL = 100pF
2TCLCL - 60
2TCLCL - 40
ns
(39)
TAVAL
Address Valid to ALE Low
CL = 100pF
TCLCH - 60
TCLCH - 40
ns
(40)
TOLOH
Output Rise Time
From 0.8V to 2.0V
20
15
ns
(41)
TOHOL
Output Fall Time
From 2.0V to 0.8V
20
15
ns
NOTES:
8. Signal at 82C84A shown for reference only.
9. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
10. Applies only to t2 state (8ns into t3).
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V ±100%; TA = -55°C to +125°C (M80C86)
VCC = 5.0V ±5%; TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested. (Continued)
SYMBOL
PARAMETER
TEST
CONDITIONS
80C86
80C86-2
UNITS
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com