Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 24Page - Renesas Technology Corp 80C86 Datasheet HTML 25Page - Renesas Technology Corp 80C86 Datasheet HTML 26Page - Renesas Technology Corp 80C86 Datasheet HTML 27Page - Renesas Technology Corp 80C86 Datasheet HTML 28Page - Renesas Technology Corp 80C86 Datasheet HTML 29Page - Renesas Technology Corp 80C86 Datasheet HTML 30Page - Renesas Technology Corp 80C86 Datasheet HTML 31Page - Renesas Technology Corp 80C86 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 28 of 38
August 19, 2015
FIGURE 13. RESET TIMING
Waveforms (Continued)
VCC
CLK
RESET
50µs
4 CLK CYCLES
(7) TCLDX1
(6) TDVCL
AC Test Circuit
NOTE: Includes stay and jig capacitance.
AC Testing Input, Output Waveform
NOTE: AC Testing: All input signals (other than CLK) must switch between VILMAX -50% VIL and VIHMIN +20% VIH. CLK must switch between 0.4V
and VCC. - 0.4 Input rise and fall times are driven at 1ns/V.
OUTPUT FROM
DEVICE UNDER TEST
TEST POINT
CL (SEE NOTE)
INPUT
VIH + 20% VIH
VIL - 50% VIL
OUTPUT
VOH
VOL
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com