Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C86 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 80C86 Datasheet HTML 2Page - Renesas Technology Corp 80C86 Datasheet HTML 3Page - Renesas Technology Corp 80C86 Datasheet HTML 4Page - Renesas Technology Corp 80C86 Datasheet HTML 5Page - Renesas Technology Corp 80C86 Datasheet HTML 6Page - Renesas Technology Corp 80C86 Datasheet HTML 7Page - Renesas Technology Corp 80C86 Datasheet HTML 8Page - Renesas Technology Corp 80C86 Datasheet HTML 9Page - Renesas Technology Corp 80C86 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 6 of 38
August 19, 2015
HOLD
HLDA
31, 30
I
O
HOLD: indicates that another master is requesting a local bus “hold”. To be an acknowledged, HOLD
must be active HIGH. The processor receiving the “hold” will issue a “hold acknowledge” (HLDA) in
the middle of a t4 or TI clock cycle. Simultaneously with the issuance of HLDA, the processor will float
the local bus and control lines. After HOLD is detected as being LOW, the processor will lower HLDA,
and when the processor needs to run another cycle, it will again drive the local bus and control lines.
HOLD is not an asynchronous input. External synchronization should be provided if the system cannot
otherwise guarantee the setup time.
Minimum Mode System (Continued)
The following pin function descriptions are for the 80C86 in minimum mode (i.e., MN/MX = VCC). Only the pin functions which are unique to minimum
mode are described; all other pin functions are as described in the following.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
Maximum Mode System
The following pin function descriptions are for the 80C86 system in maximum mode (i.e., MN/MX - GND). Only the pin functions which are unique
to maximum mode are described in the following.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
S0
S1
S2
26
27
28
O
O
O
STATUS: is active during t4, t1 and t2 and is returned to the passive state (1, 1, 1) during t3 or during
tW when READY is HIGH. This status is used by the 82C88 Bus Controller to generate all memory
and I/O access control signals. Any change by S2, S1 or S0 during t4 is used to indicate the beginning
of a bus cycle, and the return to the passive state in t3 or tW is used to indicate the end of a bus cycle.
These signals are held at a high impedance logic one state during “grant sequence”.
S2
S1
S0
CHARACTERISTICS
0
0
0
Interrupt Acknowledge
0
0
1
Read I/O Port
0
1
0
Write I/O Port
011
Halt
1
0
0
Code Access
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
Passive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com